Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 45 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 41Page - SMSC Corporation LAN9312 Datasheet HTML 42Page - SMSC Corporation LAN9312 Datasheet HTML 43Page - SMSC Corporation LAN9312 Datasheet HTML 44Page - SMSC Corporation LAN9312 Datasheet HTML 45Page - SMSC Corporation LAN9312 Datasheet HTML 46Page - SMSC Corporation LAN9312 Datasheet HTML 47Page - SMSC Corporation LAN9312 Datasheet HTML 48Page - SMSC Corporation LAN9312 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
45
Revision 1.2 (04-08-08)
DATASHEET
4.2.4.2
Hard-Straps
Hard-straps are latched upon Power-On Reset (POR) or pin reset (nRST) only. Unlike soft-straps,
hard-straps always have an associated pin and cannot be overridden by the EEPROM Loader. These
straps are used as either direct configuration values or as register defaults. Table 4.3 provides a list of
all hard-straps and their associated pin. These straps, along with their pin assignments are also fully
defined in Chapter 3, "Pin Description and Configuration," on page 26.
manual_FC_strap_2
Port 2 Manual Flow Control Enable Strap: Configures the
default value of the Port 2 Full-Duplex Manual Flow Control
Select (MANUAL_FC_2) bit in the Port 2 Manual Flow
Control Register (MANUAL_FC_2). When configured low,
flow control is determined by auto-negotiation (if enabled),
and symmetric PAUSE is advertised (bit 10 of the Port x
PHY Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x) is set).
When configured high, flow control is determined by the
Port 2 Full-Duplex Transmit Flow Control Enable
(TX_FC_2) and Port 2 Full-Duplex Receive Flow Control
Enable (RX_FC_2) bits, and symmetric PAUSE is not
advertised (bit 10 of the Port x PHY Auto-Negotiation
Advertisement Register (PHY_AN_ADV_x) is cleared).
0b
BP_EN_strap_mii
Port 0(Host MAC) Backpressure Enable Strap:
Configures the default value for the Port 0 Backpressure
Enable (BP_EN_MII) bit of the Port 0(Host MAC) Manual
Flow Control Register (MANUAL_FC_MII). When
configured low, backpressure is disabled. When configured
high, backpressure is enabled.
1b
FD_FC_strap_mii
Port 0(Host MAC) Full-Duplex Flow Control Enable
Strap: Configures the default of the TX_FC_MII and
RX_FC_MII bits in the Port 0(Host MAC) Manual Flow
Control Register (MANUAL_FC_MII) which are used when
manual full-duplex flow control is selected. When
configured low, flow control is disabled on RX/TX. When
configured high, flow control is enabled on RX/TX.
1b
manual_FC_strap_mii
Port 0(Host MAC) Manual Flow Control Enable Strap:
Configures the default value of the MANUAL_FC_MII bit in
the Port 0(Host MAC) Manual Flow Control Register
(MANUAL_FC_MII). When configured low, flow control is
determined by Virtual Auto-Negotiation (if enabled). When
configured high, flow control is determined by TX_FC_MII
and RX_FC_MII bits in the Port 0(Host MAC) Manual Flow
Control Register (MANUAL_FC_MII).
0b
SQE_test_disable_strap_mii
SQE Heartbeat Disable Strap: Configures the Signal
Quality Error (Heartbeat) test function by controlling the
default value of the SQEOFF (bit 0) of the Virtual PHY
Special Control/Status Register
(VPHY_SPECIAL_CONTROL_STATUS). When configured
low, SQEOFF defaults to 0 and SQE test is enabled. When
configured high, SQEOFF defaults to 1 and SQE test is
disabled.
0b
Table 4.2 Soft-Strap Configuration Strap Definitions (continued)
STRAP NAME
DESCRIPTION
PIN / DEFAULT
VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com