Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 25 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 21Page - SMSC Corporation LAN9312 Datasheet HTML 22Page - SMSC Corporation LAN9312 Datasheet HTML 23Page - SMSC Corporation LAN9312 Datasheet HTML 24Page - SMSC Corporation LAN9312 Datasheet HTML 25Page - SMSC Corporation LAN9312 Datasheet HTML 26Page - SMSC Corporation LAN9312 Datasheet HTML 27Page - SMSC Corporation LAN9312 Datasheet HTML 28Page - SMSC Corporation LAN9312 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
25
Revision 1.2 (04-08-08)
DATASHEET
2.2.9
GPIO/LED Controller
The LAN9312 provides 12 configurable general-purpose input/output pins which are controlled via this
module. These pins can be individually configured via the GPIO/LED CSRs to function as inputs, push-
pull outputs, or open drain outputs and each is capable of interrupt generation with configurable
polarity. Two of the GPIO pins (GPIO[9:8]) can be used for IEEE 1588 timestamp functions, allowing
GPIO driven 1588 time clock capture when configured as an input, or GPIO output generation based
on an IEEE 1588 clock target compare event.
In addition, 8 of the GPIO pins can be alternatively configured as LED outputs. These pins, GPIO[7:0]
(nP1LED[3:0] and nP2LED[3:0]), may be enabled to drive Ethernet status LEDs for external indication
of various attributes of the switch ports.
2.3
System Configuration
In a typical application, the LAN9312 Host Bus Interface (HBI) is connected to the host
microprocessor/microcontroller via the asynchronous 32-bit interface, allowing access to the LAN9312
system configuration and status registers. The LAN9312 utilizes the internal Host MAC to provide a
network path for the host CPU. The LAN9312 may share the host bus with additional system memory
and/or peripherals. For more information on the HBI, refer to Chapter 8, "Host Bus Interface (HBI)," on
page 99.
The 2 Ethernet ports of the LAN9312 must be connected to Auto-MDIX style magnetics for proper
operation on the Ethernet network. Refer to the SMSC Application Note 8.13 “Suggested Magnetics”
for further details.
The LAN9312 also supports optional EEPROM and GPIOs/LEDs. When an EEPROM is connected,
the EEPROM loader can be used to load the initial device configuration from the external EEPROM
via the I2C/Microwire interface.
A system configuration diagram of the LAN9312 in a typical embedded environment can be seen in
Figure 2.2.
Figure 2.2 System Block Diagram
Magnetics
Magnetics
To Ethernet
To Ethernet
External
25MHz Crystal
Microprocessor/
Microcontroller
GPIOs/LEDs
(optional)
System
Memory
System
Peripherals
EEPROM
(optional)
LAN9312
I
2C/Microwire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com