Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 82 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 82 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 78Page - SMSC Corporation LAN9312 Datasheet HTML 79Page - SMSC Corporation LAN9312 Datasheet HTML 80Page - SMSC Corporation LAN9312 Datasheet HTML 81Page - SMSC Corporation LAN9312 Datasheet HTML 82Page - SMSC Corporation LAN9312 Datasheet HTML 83Page - SMSC Corporation LAN9312 Datasheet HTML 84Page - SMSC Corporation LAN9312 Datasheet HTML 85Page - SMSC Corporation LAN9312 Datasheet HTML 86Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
82
SMSC LAN9312
DATASHEET
Chapter 7 Ethernet PHYs
7.1
Functional Overview
The LAN9312 contains three PHYs: Port 1 PHY, Port 2 PHY and a Virtual PHY. The Port 1 & 2 PHYs
are identical in functionality and each connect their corresponding Ethernet signal pins to the switch
fabric MAC of their respective port. These PHYs interface with their respective MAC via an internal MII
interface. The Virtual PHY provides the virtual functionality of a PHY and allows connection of the Host
MAC to port 0 of the switch fabric as if it was connected to a single port PHY. All PHYs comply with
the IEEE 802.3 Physical Layer for Twisted Pair Ethernet and can be configured for full/half duplex 100
Mbps (100BASE-TX) or 10Mbps (10BASE-T) Ethernet operation. All PHY registers follow the IEEE
802.3 (clause 22.2.4) specified MII management register set and can be configured indirectly via the
Host MAC, or directly via the memory mapped Virtual PHY registers. Refer to Section 14.4, "Ethernet
PHY Control and Status Registers" for details on the Ethernet PHY registers.
The LAN9312 Ethernet PHYs are discussed in detail in the following sections:
Section 7.2, "Port 1 & 2 PHYs," on page 83
Section 7.3, "Virtual PHY," on page 96
7.1.1
PHY Addressing
Each individual PHY is assigned a unique default PHY address via the phy_addr_sel_strap
configuration strap as shown in Table 7.1. In addition, the Port 1 PHY and Port 2 PHY addresses can
be changed via the PHY Address (PHYADD) field in the Port x PHY Special Modes Register
(PHY_SPECIAL_MODES_x). For proper operation, all LAN9312 PHY addresses must be unique. No
check is performed to assure each PHY is set to a different address. Configuration strap values are
latched upon the de-assertion of a chip-level reset as described in Section 4.2.4, "Configuration
Straps," on page 40.
Table 7.1 Default PHY Serial MII Addressing
PHY_ADDR_SEL_STRAP
VIRTUAL PHY DEFAULT
ADDRESS VALUE
PORT 1 PHY DEFAULT
ADDRESS VALUE
PORT 2 PHY DEFAULT
ADDRESS VALUE
00
1
2
11
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com