Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0RFQ0 Datasheet (PDF) - Numonyx B.V

JS48F4400P0RFQ0 Datasheet PDF - Numonyx B.V
Part # JS48F4400P0RFQ0
Download  JS48F4400P0RFQ0 Download
File Size   2133.2 Kbytes
Page   139 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description StrataFlash짰 Cellular Memory

JS48F4400P0RFQ0 Datasheet (PDF)

Go To PDF Page Download Datasheet
JS48F4400P0RFQ0 Datasheet PDF - Numonyx B.V

Part # JS48F4400P0RFQ0
Download  JS48F4400P0RFQ0 Click to download

File Size   2133.2 Kbytes
Page   139 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description StrataFlash짰 Cellular Memory

JS48F4400P0RFQ0 Datasheet (HTML) - Numonyx B.V


JS48F4400P0RFQ0 Product details

Introduction

This datasheet contains information about the Numonyx™ Wireless Flash Memory (W18) device family. This section describes nomenclature used in the datasheet. Section 2.0provides an overview of the W18 flash memory device. Section 6.0, Section 7.0, and Section 8.0describe the electrical specifications for extended temperature product offerings. Ordering information can be found in Section C.



Product Features

„ High Performance Read-While-Write/Erase

— Burst frequency at 66 MHz (zero wait states)

—60ns Initial access read speed

— 11 ns Burst mode read speed

— 20 ns Page mode read speed

— 4-, 8-, 16-, and Continuous-Word Burst mode reads

— Burst and Page mode reads in all Blocks, across all partition boundaries

— Burst Suspend feature

— Enhanced Factory Programming at 3.1 µs/word „



Security

—128-BitOTP Protection Register:

    64 unique pre-programmed bits + 64 user-programmable bits

— Absolute Write Protection with VPP at ground

— Individual and Instantaneous Block Locking/Unlocking with Lock-Down Capability„



Quality and Reliability

—Temperature Range:–40 °C to +85 °C

— 100K Erase Cycles per Block

— 90 nm ETOX™ IX Process

— 130 nm ETOX™ VIII Process



Architecture

— Multiple 4-Mbit partitions

— Dual Operation: RWW or RWE

— Parameter block size = 4-Kword

— Main block size = 32-Kword

— Top or bottom parameter devices

—16-bit wide data bus



Software

— 5 µs (typ.) Program and Erase Suspend latency time

— Flash Data Integrator (FDI) and Common Flash Interface (CFI) Compatible

— Programmable WAIT signal polarity



Packaging and Power

— 90 nm: 32- and 64-Mbit in VF BGA

— 130 nm: 32-, 64-, and 128-Mbit in VF BGA

— 130 nm: 128-Mbit in QUAD+ package

— 56 Active Ball Matrix, 0.75 mm Ball-Pitch

—VCC= 1.70 V to 1.95 V

—VCCQ(90 nm) = 1.7 V to 1.95 V

—VCCQ(130 nm) = 1.7 V to 2.24 V or 1.35 V to 1.80 V

—VCCQ(130 nm) = 1.35 V to 2.24 V

— Standby current (130 nm): 8 µA (typ.)

— Read current: 8 mA (4-word burst, typ.)




Similar Part No. - JS48F4400P0RFQ0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
JS48F4400P0VB00 NUMONYX-JS48F4400P0VB00 Datasheet
1Mb / 99P
Numonyx StrataFlash Embedded Memory
JS48F4400P0Y00 NUMONYX-JS48F4400P0Y00 Datasheet
1Mb / 102P
Numonyx Wireless Flash Memory (W18)
JS48F4400P0Z00 NUMONYX-JS48F4400P0Z00 Datasheet
1Mb / 102P
Numonyx Wireless Flash Memory (W18)
More results


Similar Description - JS48F4400P0RFQ0

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
StrataFlash짰 Wireless Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
5 Volt Intel StrataFlash짰 Memory
logo
RFHIC
RFUR08-50 RFHIC-RFUR08-50 Datasheet
239Kb / 5P
Cellular Converter
logo
Intel Corporation
RC28F128J3A INTEL-RC28F128J3A_13 Datasheet
990Kb / 72P
Intel StrataFlash짰 Memory
logo
M/A-COM Technology Solu...
CSM1-17 MA-COM-CSM1-17 Datasheet
97Kb / 3P
Cellular Applications
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Analog Devices
HMC832 AD-HMC832 Datasheet
1Mb / 49P
Cellular infrastructure
Rev. A
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A_15 Datasheet
296Kb / 5P
4G Cellular
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
Cellular phones
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com