Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0RFQ0 Datasheet(PDF) 1 Page - Numonyx B.V

Part # JS48F4400P0RFQ0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0RFQ0 Datasheet(HTML) 1 Page - Numonyx B.V

  JS48F4400P0RFQ0 Datasheet HTML 1Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 2Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 3Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 4Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 5Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 6Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 7Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 8Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 139 page
background image
Order Number: 309823-11
April 2008
Numonyx™ StrataFlash® Cellular Memory
(M18)
Datasheet
Product Features
High-Performance Read, Program and Erase
— 96 ns initial read access
— 108 MHz with zero wait-state synchronous
burst reads: 7 ns clock-to-data output
— 133 MHz with zero wait-state synchronous
burst reads: 5.5 ns clock-to-data output
— 8-, 16-, and continuous-word
synchronous-burst Reads
— Programmable WAIT configuration
— Customer-configurable output driver
impedance
— Buffered Programming:
2.0 µs/Word (typ), 512-Mbit 65 nm;
Block Erase: 0.9 s per block (typ)
— 20 µs (typ) program/erase suspend
Architecture
— 16-bit wide data bus
— Multi-Level Cell Technology
— Symmetrically-Blocked Array Architecture
— 256-Kbyte Erase Blocks
— 1-Gbit device: Eight 128-Mbit partitions
— 512-Mbit device: Eight 64-Mbit partitions
— 256-Mbit device: Eight 32-Mbit partitions.
— 128-Mbit device: Eight 16-Mbit partitions.
— Read-While-Program and Read-While-Erase
— Status Register for partition/device status
— Blank Check feature
Quality and Reliability
— Expanded temperature: –30 °C to +85 °C
— Minimum 100,000 erase cycles per block
— ETOX™ X Process Technology (65 nm)
— ETOX™ IX Process Technology (90 nm)
Power
— Core voltage: 1.7 V - 2.0 V
— I/O voltage: 1.7 V - 2.0 V
— Standby current: 60 µA (typ) for 512-Mbit,
65 nm
— Deep Power-Down mode: 2 µA (typ)
— Automatic Power Savings mode
— 16-word synchronous-burst read current:
23 mA (typ) @ 108 MHz; 24 mA (typ) @
133 MHz
Software
— Numonyx™ Flash Data Integrator
(Numonyx™ FDI) optimized
— Basic Command Set and Extended
Command Set compatible
— Common Flash Interface
Security
— OTP Registers:
64 unique pre-programmed bits
2112 user-programmable bits
— Absolute write protection with VPP = GND
— Power-transition erase/program lockout
— Individual zero-latency block locking
— Individual block lock-down
Density and Packaging
— Density: 128-, 256-, and 512-Mbit, and 1-
Gbit
— Address-data multiplexed and non-
multiplexed interfaces
— x16D (105-ball) Flash SCSP
— x16C (107-ball) Flash SCSP
— 0.8 mm pitch lead-free solder-ball


Similar Part No. - JS48F4400P0RFQ0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
JS48F4400P0VB00 NUMONYX-JS48F4400P0VB00 Datasheet
1Mb / 99P
Numonyx StrataFlash Embedded Memory
JS48F4400P0Y00 NUMONYX-JS48F4400P0Y00 Datasheet
1Mb / 102P
Numonyx Wireless Flash Memory (W18)
JS48F4400P0Z00 NUMONYX-JS48F4400P0Z00 Datasheet
1Mb / 102P
Numonyx Wireless Flash Memory (W18)
More results

Similar Description - JS48F4400P0RFQ0

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
StrataFlash짰 Wireless Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
5 Volt Intel StrataFlash짰 Memory
logo
RFHIC
RFUR08-50 RFHIC-RFUR08-50 Datasheet
239Kb / 5P
Cellular Converter
logo
Intel Corporation
RC28F128J3A INTEL-RC28F128J3A_13 Datasheet
990Kb / 72P
Intel StrataFlash짰 Memory
logo
M/A-COM Technology Solu...
CSM1-17 MA-COM-CSM1-17 Datasheet
97Kb / 3P
Cellular Applications
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Analog Devices
HMC832 AD-HMC832 Datasheet
1Mb / 49P
Cellular infrastructure
Rev. A
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A_15 Datasheet
296Kb / 5P
4G Cellular
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
Cellular phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com