Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1159B Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1159B Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1159B
Download  DIO1159B Download
File Size   1713.03 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO1159B Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1159B Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1159B
Download  DIO1159B Click to download

File Size   1713.03 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO1159B Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1159B Product details

Features
 5.5 V tolerant on control pin
 Voltage operation: 1.65 V to 5.5 V
 Low on resistance:
1 Ω at 5 V supply voltage
 Excellent on-resistance matching
 Low total harmonic distortion (THD)
 Low charge injection
 Low power consumption
 Green and RoHS packaged:
SC70-6, SOT23-6, and DFN-6
Applications
 Cell phones
 PDAs and MP3s
 Portable instrumentation
 Battery-powered communications
 Computer peripherals
Descriptions
The DIO1159B is a low-power, single-pole
double-throw analog switch, which is designed to
operate from a single 1.65 V to 5.5 V supply.
The DIO1159B has low on-resistance, excellent
on-resistance matching, and very low total
harmonic distortion performance to prevent
signal distortion during signals transferring. All
these features make the DIO1159B suitable for
portable audio applications.
The DIO1159B is available in different packages:
SC70-6, SOT23-6, and DFN-6.




Similar Part No. - DIO1159B

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1166 DIOO-DIO1166 Datasheet
865Kb / 12P
Analog Switch
Rev 1.2
DIO1166SC5 DIOO-DIO1166SC5 Datasheet
865Kb / 12P
Analog Switch
Rev 1.2
DIO1169 DIOO-DIO1169 Datasheet
1Mb / 11P
Analog Switch
Jul 2025
More results


Similar Description - DIO1159B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com