Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1298 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1298 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1298
Download  DIO1298 Download
File Size   1843.84 Kbytes
Page   23 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description USB VBUS Safety

DIO1298 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1298 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1298
Download  DIO1298 Click to download

File Size   1843.84 Kbytes
Page   23 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description USB VBUS Safety

DIO1298 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1298 Product details

 Features
 Wide operating voltage range: 3 V to 32 V
 RDS(ON): 24 mΩ (typ.)
 Load current range: up to 6 A
 Power good flag with open drain output
 Soft start limits inrush current
 Overvoltage protection (OVP) at IN
- Fixed 33 V: OVLO is connected to GND
- 4 V to 33 V: OVLO is programmed by external
resistor
 Short circuit protection (SCP) during & after SS
 Overcurrent protection (OCP): 20 A, 150 ns
 “Ideal diode” reverse current protection (RCP)
- VF = 20 mV and 15 μs fast recovery
 Hiccup mode auto retry after faults
 Enable logic
- DIO1298A: active,
__
EN low
- DIO1298B: active, EN high
 Transient voltage suppression (TVS) at IN
- ±100 V surge protection (IEC61000-4-5 8/20 μs)
- ±30 kV ESD contact discharge (IEC61000-4-2)
- ±30 kV ESD air gap discharge (IEC61000-4-2)
 Thermal protection
 Operating temperature range: -40°C to 85°C
 Applications
 Notebook
 PC
 Docking
 Monitors
 Handheld game console
 Electric tool
 Description
The DIO1298 is a load switch for USB VBUS safety
management, which could provide up to 165 W
current-sink input for 28 V EPR systems. It stands out
with a broad operating voltage from 3 V to 32 V. With
a continuous current rating of 6 A, it's well equipped
for power intensive tasks.
This device integrates an array of safety features.
Soft start functionality smoothly ramps up power,
curbing inrush current. It offers both internal and
external adjustable overvoltage protection. The "ideal
diode" reverse current protection, with a mere 20 mV
forward voltage drop and rapid 15 μs recovery,
prevents unwanted current flow. Moreover, it includes
short circuit, overcurrent, and overtemperature
protection, along with robust transient voltage
suppression against ESD and surges.
The DIO1298 supports a low RDS(ON) in a tiny package
WLCSP (2.53 mm × 2.53 mm), it could provide a
highly efficient and space saving solution for such as
notebook, PC, monitors or other applications.




Similar Part No. - DIO1298

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1266 DIOO-DIO1266 Datasheet
1Mb / 10P
Load Switch
Rev 1.3
DIO1266B DIOO-DIO1266B Datasheet
1Mb / 14P
Load Switch
Aug 2024
DIO1266BWL12 DIOO-DIO1266BWL12 Datasheet
1Mb / 14P
Load Switch
Aug 2024
DIO1266WL12 DIOO-DIO1266WL12 Datasheet
1Mb / 10P
Load Switch
Rev 1.3
DIO1268 DIOO-DIO1268 Datasheet
1Mb / 10P
Analog Switch
Rev 1.5
More results


Similar Description - DIO1298

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACUSBVB-D1 CALMIRCO-PACUSBVB-D1 Datasheet
846Kb / 8P
USB Downstream Port Terminator with VBUS ESD Protection
logo
ON Semiconductor
PACUSBVB-D1 ONSEMI-PACUSBVB-D1 Datasheet
219Kb / 9P
USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
logo
Vishay Siliconix
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF Datasheet
84Kb / 6P
USB-OTG BUS-Port ESD-Protection for VBUS = 12 V
16-Dec-10
logo
ON Semiconductor
PACUSBVB ONSEMI-PACUSBVB Datasheet
248Kb / 7P
USB Downstream Port Terminator with VBUS ESD Protection
October, 2011 ??Rev. 3
logo
Gennum Corporation
1255P GENNUM-1255P Datasheet
267Kb / 10P
Protects USB VBus operating up to 12V
logo
Kinetic Technologies.
KTS1690A KINETIC-KTS1690A Datasheet
218Kb / 2P
USB VBUS ISOURCE Load Switch with Current Limit Control
June 2022 - Revision 04a Page
logo
Littelfuse
SP1224 LITTELFUSE-SP1224 Datasheet
730Kb / 4P
SP1224 (100A) for USB VBUS
2020 Littelfuse, Inc.
logo
Silicon Mitus, Inc.
SM5360 SILICONMITUS-SM5360 Datasheet
231Kb / 2P
USB Type-C VBUS Combo Switch with Protection
July 2021- Rev. 1.0.1
logo
Guangdong Youtai Semico...
BSD3A031V UMW-BSD3A031V Datasheet
518Kb / 4P
USB Vbus
BSD3A051V UMW-BSD3A051V Datasheet
564Kb / 4P
USB Vbus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com