Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1523 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1523 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1523
Download  DIO1523 Download
File Size   1120.29 Kbytes
Page   9 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO1523 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1523 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1523
Download  DIO1523 Click to download

File Size   1120.29 Kbytes
Page   9 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO1523 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1523 Product details

Features
 Switch type: SPDT(2X)
 Voltage operation: 1.8 V to 4.2 V
 Ultra-low on resistance:
0.75 Ω (typ.) at 4.2 V
 -3dB bandwidth: 75 MHz
 High off-isolation: -78 dB at 100 kHz
 Low crosstalk: -100 dB at 100 kHz
 Excellent ON resistance matching: 0.03 Ω
 Low total harmonic distortion (THD)
 Rail-to-rail input and output operation
 Break-before-make switching
 Green packaged: QFN1.4×1.8-10
 ±8 kV HBM ESD
Applications
 Cell-phone / PDA
 MP3 / MP4 / PMP
 Portable instrumentation
 Battery powered communications
 Computer peripherals
Descriptions
The DIO1523 is a dual single-pole, double-throw
(SPDT) analog switch. DIO1523 operates from a
single 1.8 V to 4.2 V supply and features an
ultra-low on resistance of 0.75 Ω at a 4.2 V supply
and TA = 25°C. This device is fabricated with
sub-micron CMOS technology to achieve fast
switching speeds and is designed for
break-before-make operation.
The DIO1523 guarantees 0.03 Ω on-resistance
matching between switches, on-resistance
flatness over the signal range, high off-isolation
and low crosstalk, which ensures excellent
linearity and low distortion when switching audio
signals. DIO1523 consists of two normally open
and two normally close switches.




Similar Part No. - DIO1523

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1520 DIOO-DIO1520 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
DIO1520B DIOO-DIO1520B Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
DIO1520BLP10 DIOO-DIO1520BLP10 Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
DIO1520LP10 DIOO-DIO1520LP10 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
DIO1521 DIOO-DIO1521 Datasheet
1Mb / 12P
2-Channel Exchange Switch
Oct 2024
More results


Similar Description - DIO1523

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com