Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2240 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2240 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2240
Download  DIO2240 Download
File Size   2588.95 Kbytes
Page   24 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Enhanced PWM Rejection

DIO2240 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2240 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2240
Download  DIO2240 Click to download

File Size   2588.95 Kbytes
Page   24 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Enhanced PWM Rejection

DIO2240 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2240 Product details

 Features
 Enhanced PWM rejection
 Wide supply range:
− Single power supply: 2.7 V to 5.5 V
− Wide common-mode range: -4 V to 110 V
 Accuracy:
− Low input offset voltage: ±5 μV (Typ)
− Offset drift: 50 nV/°C (Typ)
− Gain error: ±0.05%
− Gain drift: ±0.5 ppm/°C (Typ)
 Unity gain bandwidth:
− 400 kHz (DIO2240A)
− 360 kHz (DIO2240B)
− 800 kHz (DIO2240E)
 Choice of gain:
− DIO2240E: 10 V/V
− DIO2240A: 20 V/V
− DIO2240B: 50 V/V
− DIO2240C: 100 V/V
− DIO2240D: 200 V/V
 Input voltage noise: 50 nV/√Hz
 Applications
 Electronic power steering
 Stability and traction control
 Motor and actuator control
 Solenoid and valve control
 Actuator controls
 Pressure regulators
 Description
The DIO2240 device is a current sense amplifier with
enhanced PWM rejection. The device sense drops
across the shunt resistor over a wide common-mode
voltage range of -4 V to 110 V independent of the
operating supply. The device achieves ultra-high
precision current measurement accuracy under the
combination of features such as an ultra-low offset
voltage, a small gain error, and a high DC CMRR.
The enhanced PWM rejection function provides a
high level of suppression of large common-mode
transients (ΔV/Δt) in systems that use pulse width
modulation (PWM) signals. With this feature, the
DIO2240 minimizes output interference and ringing
during common-mode conversion. The device
operates from a single power supply from 2.7 V to 5.5
V and consumes a low supply current. Four fixed
gains are available: 10 V/V, 20 V/V, 50 V/V, 100 V/V,
and 200 V/V.
The DIO2240 is available in TSSOP-8, MSOP-8 and
SOIC-8 packages. It is specified over ambient
temperature range of -40°C to 125°C, which meets
the requirements of industry applications.




Similar Part No. - DIO2240

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2210CS8 DIOO-DIO2210CS8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2210MP8 DIOO-DIO2210MP8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2211CS8 DIOO-DIO2211CS8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2211MP8 DIOO-DIO2211MP8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2212CS8 DIOO-DIO2212CS8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
More results


Similar Description - DIO2240

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0892DP14B1850 JOHANSON-0892DP14B1850 Datasheet
170Kb / 2P
890 / 1850 MHz Diplexer (Enhanced Harmonic Rejection Type)
logo
CTS Corporation
XHPC0822A CTS-XHPC0822A Datasheet
343Kb / 2P
Enhanced Rejection
logo
Texas Instruments
INA240_016 TI1-INA240_016 Datasheet
1Mb / 35P
High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI1-INA240_17 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
logo
Maxim Integrated Produc...
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
Bidirectional Current Sense Amplifier with PWM-Rejection
2021
logo
Texas Instruments
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
INA241A TI-INA241A_V04 Datasheet
2Mb / 43P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com