Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2240 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2240
Description  Enhanced PWM Rejection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2240 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2240 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DIO2240
Version 1.2, Jan 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
4
Note:
(1) RTI = Referred to input.
(2) Guaranteed by design.
(3) Specifications subject to change without notice.
Output
G
Gain
DIO2240E
10
V/V
DIO2240A
20
DIO2240B
50
DIO2240C
100
DIO2240D
200
Gain error
GND + 50 mV ≤ VOUT ≤ VS - 200 mV
±0.05
±0.2
%
Nonlinearity error (2)
GND + 10 mV ≤ VOUT ≤ VS - 200 mV
±0.01
%
RDA
Reference
divider
accuracy
All gains, VOUT = |(VREF1 – VREF2)| / 2 at VSENSE
= 0 mV
0.02
%
RVRR
Reference
voltage
rejection ratio, RTI (1)
DIO2240A, DIO2240B,
5
µV/V
DIO2240E
15
Maximum capacitive
load
No sustained oscillation
1
nF
Voltage output
Swing to VS
power-supply rail
RL = 10 kΩ to VS/2
VS
-0.15
VS
-0.05
V
Swing to GND
RL = 10 kΩ to VS/2, VSENSE = 0 mV
VREF1 = VREF2 = 0 V
VGND
+5
200
mV
Frequency response
BW
Bandwidth
-3 dB bandwidth
DIO2240A
400
kHz
DIO2240B
360
DIO2240E
800
tS
Settling time
output settles to 0.5% of
final value
DIO2240A
4
µs
DIO2240B
7
DIO2240E
3
SR
Slew rate
2.5
V/µs
Noise, RTI (1)
Voltage noise density
50
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com