Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2240 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2240
Description  Enhanced PWM Rejection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2240 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2240 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2240 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DIO2240
Version 1.2, Jan 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
I
Voltage Output, Bidirectional, Zero-Drift Series
Current-Shunt Monitors With Enhanced PWM Rejection
Features
Enhanced PWM rejection
Wide supply range:
−
Single power supply: 2.7 V to 5.5 V
−
Wide common-mode range: -4 V to 110 V
Accuracy:
−
Low input offset voltage: ±5 µV (Typ)
−
Offset drift: 50 nV/°C (Typ)
−
Gain error: ±0.05%
−
Gain drift: ±0.5 ppm/°C (Typ)
Unity gain bandwidth:
−
400 kHz (DIO2240A)
−
360 kHz (DIO2240B)
−
800 kHz (DIO2240E)
Choice of gain:
−
DIO2240E: 10 V/V
−
DIO2240A: 20 V/V
−
DIO2240B: 50 V/V
−
DIO2240C: 100 V/V
−
DIO2240D: 200 V/V
Input voltage noise: 50 nV/√Hz
Applications
Electronic power steering
Stability and traction control
Motor and actuator control
Solenoid and valve control
Actuator controls
Pressure regulators
Package Information
Part Number
Package
Body Size
DIO2240
TSSOP-8
4.4 mm × 3.0 mm
SOIC-8
3.9 mm × 4.9 mm
MSOP-8
3.0 mm × 3.0 mm
Description
The DIO2240 device is a current sense amplifier with
enhanced PWM rejection. The device sense drops
across the shunt resistor over a wide common-mode
voltage range of -4 V to 110 V independent of the
operating supply. The device achieves ultra-high
precision current measurement accuracy under the
combination of features such as an ultra-low offset
voltage, a small gain error, and a high DC CMRR.
The enhanced PWM rejection function provides a
high level of suppression of large common-mode
transients (ΔV/Δt) in systems that use pulse width
modulation (PWM) signals. With this feature, the
DIO2240 minimizes output interference and ringing
during common-mode conversion. The device
operates from a single power supply from 2.7 V to 5.5
V and consumes a low supply current. Four fixed
gains are available: 10 V/V, 20 V/V, 50 V/V, 100 V/V,
and 200 V/V.
The DIO2240 is available in TSSOP-8, MSOP-8 and
SOIC-8 packages. It is specified over ambient
temperature range of -40°C to 125°C, which meets
the requirements of industry applications.
Simplified Schematic


Similar Part No. - DIO2240

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2210CS8 DIOO-DIO2210CS8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2210MP8 DIOO-DIO2210MP8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2211CS8 DIOO-DIO2211CS8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2211MP8 DIOO-DIO2211MP8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2212CS8 DIOO-DIO2212CS8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
More results

Similar Description - DIO2240

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0892DP14B1850 JOHANSON-0892DP14B1850 Datasheet
170Kb / 2P
890 / 1850 MHz Diplexer (Enhanced Harmonic Rejection Type)
logo
CTS Corporation
XHPC0822A CTS-XHPC0822A Datasheet
343Kb / 2P
Enhanced Rejection
logo
Texas Instruments
INA240_016 TI1-INA240_016 Datasheet
1Mb / 35P
High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI1-INA240_17 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
logo
Maxim Integrated Produc...
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
Bidirectional Current Sense Amplifier with PWM-Rejection
2021
logo
Texas Instruments
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
INA241A TI-INA241A_V04 Datasheet
2Mb / 43P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com