Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC339G2 Datasheet (PDF) - Renesas Technology Corp

UPC339G2 Datasheet PDF - Renesas Technology Corp
Part # UPC339G2
Download  UPC339G2 Download
File Size   413.75 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Power Supply Quad Comparator

UPC339G2 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC339G2 Datasheet PDF - Renesas Technology Corp

Part # UPC339G2
Download  UPC339G2 Click to download

File Size   413.75 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Power Supply Quad Comparator

UPC339G2 Datasheet (HTML) - Renesas Technology Corp


UPC339G2 Product details

• Input Offset Voltage ±2 mV (TYP.)
• Input Bias Current 25 nA (TYP.)
• Voltage Gain 200000 (TYP.)
• Pulse Response Time 1.3 μs (TYP.)
• Output Sink Current 16 mA (TYP.)
• A wired OR is possible as the output is an open collector.
• Low Voltage Operation V + - V - : 2 ~ 32 V




Similar Part No. - UPC339G2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC339G2 NEC-UPC339G2 Datasheet
61Kb / 12P
LOW POWER QUAD COMPARATOR
logo
Renesas Technology Corp
UPC339G2 RENESAS-UPC339G2 Datasheet
236Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC339G2-A RENESAS-UPC339G2-A Datasheet
505Kb / 8P
Single Power Supply Quad Comparator
More results


Similar Description - UPC339G2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2901 NJRC-NJM2901 Datasheet
184Kb / 5P
SINGLE-SUPPLY QUAD COMPARATOR
logo
System Logic Semiconduc...
SL339 SLS-SL339 Datasheet
41Kb / 4P
Quad Single Supply Comparator
logo
List of Unclassifed Man...
IL339 ETC-IL339 Datasheet
132Kb / 4P
Quad Single Supply Comparator
logo
KODENSHI_AUK CORP.
KK339 KODENSHI-KK339 Datasheet
229Kb / 5P
Quad Single Supply Comparator
KK2901 KODENSHI-KK2901 Datasheet
253Kb / 5P
Quad Single Supply Comparator
logo
IK Semicon Co., Ltd
IL339 IKSEMICON-IL339 Datasheet
253Kb / 5P
Quad Single Supply Comparator
IL2901 IKSEMICON-IL2901 Datasheet
450Kb / 12P
Quad Single Supply Comparator
IL2901 IKSEMICON-IL2901_11 Datasheet
396Kb / 12P
Quad Single Supply Comparator
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
Single Power Supply Quad Comparator
logo
New Japan Radio
NJM2901C NJRC-NJM2901C Datasheet
771Kb / 6P
SINGLE-SUPPLY QUAD COMPARATOR
ver.06
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com