Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC339G2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC339G2
Description  Single Power Supply Quad Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC339G2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC339G2 Datasheet HTML 1Page - Renesas Technology Corp UPC339G2 Datasheet HTML 2Page - Renesas Technology Corp UPC339G2 Datasheet HTML 3Page - Renesas Technology Corp UPC339G2 Datasheet HTML 4Page - Renesas Technology Corp UPC339G2 Datasheet HTML 5Page - Renesas Technology Corp UPC339G2 Datasheet HTML 6Page - Renesas Technology Corp UPC339G2 Datasheet HTML 7Page - Renesas Technology Corp UPC339G2 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UPC177G2, UPC339G2
R03DS0139EJ0200 Rev.2.00
Page 4 of 7
Feb.4.25
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25 °C, TYP.) (Reference value)
UPC177G2, 339G2
182 °C/W
0
200
400
600
800
1000
0
20
40
60
80
100
Operating Ambient Temperature, TA [°C]
PT vs. TA (Absolute Maximum Rating)
TA = 0 °C
TA = 25 °C
TA = 70 °C
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0
10
20
30
40
Power Supply Voltage, V + [V] (V - = GND)
ICC vs. V +
RL = ∞
-3
-2
-1
0
1
2
3
-40
-20
0
20
40
60
80
Operating Ambient Temperature, TA [°C]
VIO vs. TA
V + = +5 V
V - = GND
Any Sample Data
TA = 0 °C
TA = 25 °C
TA = 70 °C
10
20
30
40
50
0
10
20
30
40
Power Supply Voltage, V + [V] (V - = GND)
IB vs. V +
TA = 0 °C
TA = 25 °C
TA = 70 °C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
Output Sink Current IO SINK [mA]
VOL vs. IO SINK
VO
V +
IO SINK
V + /2 -
+
V + = +15 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com