Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC339G2 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC339G2
Description  Single Power Supply Quad Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC339G2 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC339G2 Datasheet HTML 1Page - Renesas Technology Corp UPC339G2 Datasheet HTML 2Page - Renesas Technology Corp UPC339G2 Datasheet HTML 3Page - Renesas Technology Corp UPC339G2 Datasheet HTML 4Page - Renesas Technology Corp UPC339G2 Datasheet HTML 5Page - Renesas Technology Corp UPC339G2 Datasheet HTML 6Page - Renesas Technology Corp UPC339G2 Datasheet HTML 7Page - Renesas Technology Corp UPC339G2 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UPC177G2, UPC339G2
R03DS0139EJ0200 Rev.2.00
Page 5 of 7
Feb.4.25
5 mV
20 mV
Overdrive 100mV
Overdrive 5mV
20 mV
100 mV
0
1
2
3
4
5
-100
-50
0
50
100
0
0.5
1.0
1.5
2.0
Time, t [μs]
Pulse Response Characteristics I
5
4
3
2
1
0
+5 V
VI -
+
VO
5.1 kΩ
Overdrive 5mV
20 mV
100 mV
5 mV
20 mV
Overdrive 100mV
0
1
2
3
4
5
-100
-50
0
50
100
0
0.5
1.0
1.5
2.0
Time, t [μs]
Pulse Response Characteristics II
5
4
3
2
1
0
+5 V
VI
-
+
VO
5.1 kΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com