Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C201 Datasheet (PDF) - Time Electronics Ltd.

C201 Datasheet PDF - Time Electronics Ltd.
Part # C201
Download  C201 Download
File Size   450.34 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 5030 Electrical Tester Calibrator

C201 Datasheet (PDF)

Go To PDF Page Download Datasheet
C201 Datasheet PDF - Time Electronics Ltd.

Part # C201
Download  C201 Click to download

File Size   450.34 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 5030 Electrical Tester Calibrator

C201 Datasheet (HTML) - Time Electronics Ltd.


C201 Product details

Features
• RCD 3 mA to 2500 mA, 10 ms to 2000 ms
• Loop 50 mΩ to 1.8 kΩ
• Insulation up to 2 GΩ / 1 kV
• Continuity 0.1 Ω to 10 kΩ
• Regional test sockets
• RS-232 / USB Control
• Fast and intuitive user interface
• PC/laptop control via EasyCal software




Similar Part No. - C201

ManufacturerPart #DatasheetDescription
logo
Powerbox
C201 POWERBOX-C201 Datasheet
268Kb / 1P
50 WATTS (AC) DC/DC SINGLEI OUTPUT
logo
Chip Integration Techno...
C20100CT CITC-C20100CT Datasheet
467Kb / 3P
20A Trench Schottky Rectifier
logo
List of Unclassifed Man...
C201024006 ETC2-C201024006 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
C201024060 ETC2-C201024060 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
C201024600 ETC2-C201024600 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
More results


Similar Description - C201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
Display Tester
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
List of Unclassifed Man...
010-0133 ETC2-010-0133 Datasheet
148Kb / 2P
BNC TESTER (ELECTRICAL)
logo
Molex Electronics Ltd.
130112-0258 MOLEX11-130112-0258 Datasheet
23Kb / 1P
Replacement Guard for 5030, 10 Pack
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com