Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C201 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # C201
Description  5030 Electrical Tester Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C201 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  C201 Datasheet HTML 1Page - Time Electronics Ltd. C201 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time Electronics
5030 Electrical Tester Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2c
08/22
Technical Specifications
Loop
Function
Range / Values
Resolution
Accuracy
Loop Impedance
Resistor Values
1800, 330.0, 180.0, 33.00, 18.00, 3.300, 1.800,
0.330, 0.150, 0.050 Ω
4 digit
± 0.5 % of displayed value ± 30 mΩ
Local Loop Compensation
0 to 9.999 Ω
0.001 Ω
± 0.5 % of value ± 30 mΩ
Test Current
30 A max (200 ms) / 50 W max
–
–
RCD
Function
Range / Values
Resolution
Accuracy
Trip Time
10 to 2000 ms
10 ms
± 0.5 ms
Current
6.000, 10.00, 30.00, 100.0, 300.0, 500.0, 1000 mA
4 digit
± 0.5 % of reading
± 1 % with x5 multiplier
Current Multipliers
x0.5, x1, x2, x5
–
–
Maximum Current
2500 mA
–
–
Waveforms
AC, DC & half wave rectified
–
–
Phase Detection
0° or 180°
–
–
Pre Trigger Delay
0 to 2000 ms
10 ms
–
Pre Trigger Threshold
0 to 100 % of nominal current
1 %
–
Insulation
Function
Range / Values
Resolution
Accuracy
Resistance
1 MΩ to 2000 MΩ
1 MΩ
1 % of value
50 kΩ to 1990 kΩ
50 kΩ
1 % of value
Test Voltage Measurement
@ 0.5 mA or 1.0 mA Load
50.0 to 99.9 V DC
0.1 V
1 % of reading
100 to 1200 V DC
1 V
1 % of reading
Continuity
Function
Range / Values
Resolution
Accuracy
Resistance
0.1 Ω to 100.0 Ω
0.1 Ω
1 % of value + 20 mΩ
250 Ω, 500 Ω, 1.00 kΩ, 2.50 kΩ, 5.00 kΩ & 10.0 kΩ
3 digit
1 % of value
Test Voltage Measurement
(input resistance 10 MΩ)
0.0 to 50.0 V DC
0.01 V
0.5 % of range
Test Current Measurement
(between 1 Ω and 2 Ω)
0 to 400 mA DC
0.1 mA
0.5 % of range
Power Dissipation
1 watt maximum
–
–
Voltage
Function
Range
Resolution
Accuracy
Line Voltage Measurement
100.0 to 260.0 V RMS
0.1 V
0.5 % of reading
Line Frequency Measurement
45.00 to 65.00 Hz
0.01 Hz
0.1 % of reading
General Specifications
Warm up ...................................................................... 30 minutes to full accuracy.
Settling time ..........................................................................Less than 5 seconds.
Standard interfaces.................................................................... RS-232 and USB.
Temperature performance ............................................... Operating: 10 to 35 °C,
Full spec: 23 °C ± 5 °C, Storage: -10 °C to 50 °C.
Operating humidity/altitude.........< 80 % non condensing / Altitude: 0 to 3 km.
Non operating altitude: 3 to 12 km.
Line power................................................................... 220 to 240 V AC 50 Hz.
100 to 120 V AC 60 Hz (specify on order).
Power consumption 200 W maximum.
Dimensions / Weight.........................W 430 x H 155 x D 255 mm / Weight: 8 kg.
Supplied with ...........................User manual, RS-232 cable, USB adaptor/cable.
Ordering Information
5030 ...........................................................................Electrical Tester Calibrator
C201........................................................ Traceable calibration certificate (Factory)
C137................................................. Accredited calibration certificate (ISO 17025)
ECFLA............................... EasyCal Software (see separate datasheet for options)
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com