Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C201 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # C201
Description  5030 Electrical Tester Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C201 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  C201 Datasheet HTML 1Page - Time Electronics Ltd. C201 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
5030 Electrical Tester Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
A precision instrument designed to calibrate RCD, loop, insulation, earth testers and multifunction
installation testers. The 5030 accurately simulates RCD trip times and measures currents
produced by RCD testers. It replicates loop impedance and auto adjusts for local line impedance.
It also provides insulation resistances and measures test voltages and currents. User control is via
the central navigation keypad. Scrolling though menus and settings is intuitive and easy, with
measurements and settings shown on the large clear LCD display.
Regional test sockets and fault detection: For loop and RCD tests the electrical tester (device
under test) connects directly to the dedicated front panel mains socket. The 5030 can be fitted
with a number of regional type sockets (specified on order). In these test conditions, if the device
under test is faulty, the 5030 auto detects the fault, disconnects the output and warns the user. The
5030 is designed not to trip any RCDs on the local supply.
Loop impedance with auto local loop measurement: With 10 measurement points the 5030
covers a wide range of loop testers. The precision resistors that make up the loop calibration
function are high power and capable of withstanding up to 30 A. An accurate automatic
measurement of the local loop is made by the 5030 and added to the resistor value to give the
loop impedance value, allowing for precise loop impedance calibration.
Precise RCD trip times: RCD trips can be simulated from 10 to 2000 ms in duration. The trip time
can be set to predefined values for quick selection, or to a user time via the front panel.
RCD current measurements: Current measurement is made of the applied RCD test current.
Current measurements are true RMS for AC, half wave rectified as well as being able to measure
DC tests. The ranges covered are from 6 mA to 1000 mA, with multipliers of x0.5, x1, x2, and x5
up to a maximum of 2500 mA. To avoid false current measurements the 5030 incorporates a
‘pre-test delay’ setting. This feature is for use with RCD testers that produce a pre-test signal.
A test current threshold setting (0 to 100 % of nominal current) is also user selectable.
Insulation resistance and test voltage measurement: The 5030 tests the functions of megohm
meters using precision high value resistors up to 2 GΩ. Resistance value can be set via front panel
or via remote control to allow many test points to be automated. Voltage measurement functions
allow accurate test voltages up to 1 kV to be measured whilst under 0.5 mA or 1 mA test conditions.
Continuity and earth resistance: The 5030 precision low ohm resistors allow calibration of
continuity functions found on most multifunction testers and insulation testers. Applied test
voltages and currents are also measured.
Mains voltage and frequency: The local mains supply voltage and frequency is precisely
measured by the 5030. This is used to cross reference the voltage reading on the unit under test
and confirm the instruments accuracy.
Features
• RCD 3 mA to 2500 mA, 10 ms to 2000 ms
• Loop 50 mΩ to 1.8 kΩ
• Insulation up to 2 GΩ / 1 kV
• Continuity 0.1 Ω to 10 kΩ
• Regional test sockets
• RS-232 / USB Control
• Fast and intuitive user interface
• PC/laptop control via EasyCal software
EasyCal Calibration Software
The 5030 can be controlled via Time Electronics EasyCal
software to automate the calibration process. This provides
increased speed of calibration and consistency of results
Produce traceable calibration certificates and test reports
for quality standards with additional uncertainty information
for ISO 17025 conformance.


Similar Part No. - C201

ManufacturerPart #DatasheetDescription
logo
Powerbox
C201 POWERBOX-C201 Datasheet
268Kb / 1P
50 WATTS (AC) DC/DC SINGLEI OUTPUT
logo
Chip Integration Techno...
C20100CT CITC-C20100CT Datasheet
467Kb / 3P
20A Trench Schottky Rectifier
logo
List of Unclassifed Man...
C201024006 ETC2-C201024006 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
C201024060 ETC2-C201024060 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
C201024600 ETC2-C201024600 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
More results

Similar Description - C201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
Display Tester
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
List of Unclassifed Man...
010-0133 ETC2-010-0133 Datasheet
148Kb / 2P
BNC TESTER (ELECTRICAL)
logo
Molex Electronics Ltd.
130112-0258 MOLEX11-130112-0258 Datasheet
23Kb / 1P
Replacement Guard for 5030, 10 Pack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com