Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1356 Datasheet (PDF) - ams AG

AS1356 Datasheet PDF - ams AG
Part # AS1356
Download  AS1356 Download
File Size   80.51 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Linear Low-Dropout 150mA Voltage Regulators

AS1356 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1356 Datasheet PDF - ams AG

Part # AS1356
Download  AS1356 Click to download

File Size   80.51 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Linear Low-Dropout 150mA Voltage Regulators

AS1356 Datasheet (HTML) - ams AG


AS1356 Product details

General Description
The AS1353/AS1356 are high-performance, fixed-voltage linear LDOs designed for use with capacitors of 1 to 10µF. The devices can deliver superior performance even under low dropout conditions when the power transistor operates in linear mode.
The integrated P-channel MOSFET output allows the devices to maintain a low supply-current at loads of up to150mA. A shutdown mode includes logic-controlled circuitry which reduces shutdown current to less than 1µA (max).

Key Features
■ Ultra-Low Dropout Voltage: 40mV @ 100mA load
■ Output Voltage Range: +1.5 to +3.6V (100mV steps)
■ Max Output Current: 150mA
■ Output Voltage Accuracy: ±1%
■ Low Shutdown Current: 1µA
■ High PSRR: 60dB at 100Hz
■ Integrated Overtemperature/Overcurrent Protection
■ Reverse-Battery Protection (AS1353/AS1356)
■ Power-OK Output (AS1356)
■ Minimal External Components Required
■ Operating Temperature Range: -40 to +85°C
■ 5-pin SOT23 Package

Applications
    The devices are ideal for powering cordless and mobile phones, MP3 players, CD and DVD players, PDAs, handheld computers, digital cameras, and any other hand-held and/or battery-powered device.




Similar Part No. - AS1356

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1356 AMSCO-AS1356 Datasheet
726Kb / 14P
Linear Low-Dropout 150mA Voltage Regulators
AS1356-27-T AMSCO-AS1356-27-T Datasheet
726Kb / 14P
Linear Low-Dropout 150mA Voltage Regulators
AS1356-33-T AMSCO-AS1356-33-T Datasheet
726Kb / 14P
Linear Low-Dropout 150mA Voltage Regulators
More results


Similar Description - AS1356

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
258Kb / 12P
150mA Low Dropout Voltage Regulators
logo
Calogic, LLC
CLM2930 CALOGIC-CLM2930 Datasheet
84Kb / 4P
150mA Low Dropout Voltage Regulators
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
150mA Low-Dropout Linear Regulators
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
150mA Low-Dropout Linear Regulators
logo
List of Unclassifed Man...
PJ2950 ETC1-PJ2950 Datasheet
106Kb / 7P
150mA Low Dropout Voltage Regulators
logo
SG Micro Corp
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
150mA, Low Power, Low Dropout, Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
Linear Low-Dropout 150mA Voltage Regulators
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
150mA Low-Dropout Linear Regulators
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com