Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C4001 Datasheet (PDF) - STMicroelectronics

27C4001 Datasheet PDF - STMicroelectronics
Part # 27C4001
Download  27C4001 Download
File Size   158.59 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x 8 UV EPROM and OTP EPROM

27C4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
27C4001 Datasheet PDF - STMicroelectronics

Part # 27C4001
Download  27C4001 Click to download

File Size   158.59 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x 8 UV EPROM and OTP EPROM

27C4001 Datasheet (HTML) - STMicroelectronics


27C4001 Product details

 Summary description
The M27C4001 is a 4 Mbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for microprocessor systems requiring large programs and is organised as 524,288 by 8 bits.
The FDIP32W (window ceramic frit-seal package) has a transparent lid which allows the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be written to the device by following the programming procedure.
For applications where the content is programmed only one time and erasure is not required, the M27C4001 is offered in PDIP32, PLCC32 and TSOP32 (8 x 20 mm) packages.
In order to meet environmental requirements, ST offers the M27C4001 in ECOPACK® packages.

Feature summary
■ 5V ± 10% supply voltage in Read operation
■ Access time: 35ns
■ Low power consumption:
  – Active Current 30mA at 5MHz
  – Standby Current 100µA
■ Programming voltage: 12.75V ± 0.25V
■ Programming time: 100µs/Word
■ Electronic signature
  – Manufacturer Code: 20h
  – Device Code: 41h
■ Packages
  – ECOPACK® compliant versions




Similar Part No. - 27C4001

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
27C4001 SYC-27C4001 Datasheet
187Kb / 15P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
July 1998
More results


Similar Description - 27C4001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May-1999
M27C405 STMICROELECTRONICS-M27C405 Datasheet
99Kb / 15P
4 Mbit (512Kb x 8) OTP EPROM
March 1999
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
Sep-2000
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W401 STMICROELECTRONICS-M27W401 Datasheet
102Kb / 15P
4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
10-Mar-2000
M27C4001 STMICROELECTRONICS-M27C4001_06 Datasheet
215Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
M27C4001-10F1 STMICROELECTRONICS-M27C4001-10F1 Datasheet
220Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com