Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C4001 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 27C4001
Description  4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

27C4001 Datasheet(HTML) 1 Page - STMicroelectronics

  27C4001 Datasheet HTML 1Page - STMicroelectronics 27C4001 Datasheet HTML 2Page - STMicroelectronics 27C4001 Datasheet HTML 3Page - STMicroelectronics 27C4001 Datasheet HTML 4Page - STMicroelectronics 27C4001 Datasheet HTML 5Page - STMicroelectronics 27C4001 Datasheet HTML 6Page - STMicroelectronics 27C4001 Datasheet HTML 7Page - STMicroelectronics 27C4001 Datasheet HTML 8Page - STMicroelectronics 27C4001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
November 2000
M27C4001
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
s
5V ± 10% SUPPLY VOLTAGE in READ
OPERATION
s
ACCESS TIME: 35ns
s
LOW POWER CONSUMPTION:
– Active Current 30mA at 5MHz
– Standby Current 100
µA
s
PROGRAMMING VOLTAGE: 12.75V ± 0.25V
s
PROGRAMMING TIME: 100µs/word
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 41h
DESCRIPTION
The M27C4001 is a 4 Mbit EPROM offered in the
two ranges UV (ultra violet erase) and OTP (one
time programmable). It is ideally suited for micro-
processor systems requiring large programs and
is organised as 524,288 by 8 bits.
The FDIP32W (window ceramic frit-seal package)
and LCCC32W (leadless chip carrier package)
have a transparent lid which allow the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written to the
device by following the programming procedure.
For applications where the content is programmed
only one time and erasure is not required, the
M27C4001 is offered in PDIP32, PLCC32 and
TSOP32 (8 x 20 mm) packages.
FDIP32W (F)
LCCC32W (L)
PLCC32 (C)
TSOP32 (N)
8 x 20 mm
1
32
32
1
PDIP32 (B)
Figure 1. Logic Diagram
AI00721B
19
A0-A18
Q0-Q7
VPP
VCC
M27C4001
VSS
8
G
E


Similar Part No. - 27C4001

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
27C4001 SYC-27C4001 Datasheet
187Kb / 15P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
July 1998
More results

Similar Description - 27C4001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May-1999
M27C405 STMICROELECTRONICS-M27C405 Datasheet
99Kb / 15P
4 Mbit (512Kb x 8) OTP EPROM
March 1999
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
Sep-2000
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W401 STMICROELECTRONICS-M27W401 Datasheet
102Kb / 15P
4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
10-Mar-2000
M27C4001 STMICROELECTRONICS-M27C4001_06 Datasheet
215Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
M27C4001-10F1 STMICROELECTRONICS-M27C4001-10F1 Datasheet
220Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com