Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLL70 Datasheet (PDF) - Optronics International

HLL70 Datasheet PDF - Optronics International
Part # HLL70
Download  HLL70 Download
File Size   206.57 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description 5x7 DOT Compliant High/Low Beam Sealed LED Headlight

HLL70 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLL70 Datasheet PDF - Optronics International

Part # HLL70
Download  HLL70 Click to download

File Size   206.57 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description 5x7 DOT Compliant High/Low Beam Sealed LED Headlight

HLL70 Datasheet (HTML) - Optronics International


HLL70 Product details

Replace standard 5" x 7" sealed beam halogen and HID headlights
Light output whiter than incandescent for greater visibility
Long lasting, energy efficient - diodes last up to 50 times longer than incandescent,
draws just 1.1 amp
Dual power: use with 12VDC or 24VDC systems
Lumen output: High beam 1240 raw/990 eff; low beam 870 raw/510 eff
Hard wired (red=high beam, black=low beam, white=ground); 6.5-in. leads with standard
H4 3-blade connector
Die cast aluminum construction with powder coat finish resists corrosion
Tough polycarbonate lens
IP67 rating: protected from dust and capable of withstanding water immersion, offering
increased reliability and service life
Available in bulk, polypack and retail packaging
Lifetime LED Warranty




Similar Part No. - HLL70

ManufacturerPart #DatasheetDescription
logo
Optronics International
HLL78 OPTRONICS-HLL78 Datasheet
254Kb / 1P
DOT Compliant High and Low Beam Sealed LED Headlights
HLL78LB OPTRONICS-HLL78LB Datasheet
254Kb / 1P
DOT Compliant High and Low Beam Sealed LED Headlights
HLL78LS OPTRONICS-HLL78LS Datasheet
254Kb / 1P
DOT Compliant High and Low Beam Sealed LED Headlights
HLL79HB OPTRONICS-HLL79HB Datasheet
254Kb / 1P
DOT Compliant High and Low Beam Sealed LED Headlights
HLL79HS OPTRONICS-HLL79HS Datasheet
254Kb / 1P
DOT Compliant High and Low Beam Sealed LED Headlights
More results


Similar Description - HLL70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTP-747R ETC1-LTP-747R Datasheet
85Kb / 1P
0.7 inch -5x7 LED DOT MATRIX
logo
LightKey Optoelectronic...
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
4.00 inch 5x7 Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
4.00 inch 5x7 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
2.00 inch 5x7 Dot Matrix LED Display
logo
List of Unclassifed Man...
GMC07IB75 ETC2-GMC07IB75 Datasheet
283Kb / 7P
5x7 Dot Matrix
GMC12IB75 ETC2-GMC12IB75 Datasheet
285Kb / 7P
5x7 Dot Matrix
logo
Energizer
TUFHD31PH ENERGIZER-TUFHD31PH Datasheet
593Kb / 1P
LED Headlight
MSHD31E ENERGIZER-MSHD31E Datasheet
148Kb / 1P
LED Headlight
HD5HP32E ENERGIZER-HD5HP32E Datasheet
403Kb / 2P
High Performance LED Headlight
INHD5L32H ENERGIZER-INHD5L32H Datasheet
613Kb / 1P
Brilliant Beam Headlight
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com