Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLL78LB Datasheet (PDF) - Optronics International

HLL78LB Datasheet PDF - Optronics International
Part # HLL78LB
Download  HLL78LB Download
File Size   254.9 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description DOT Compliant High and Low Beam Sealed LED Headlights

HLL78LB Datasheet (PDF)

Go To PDF Page Download Datasheet
HLL78LB Datasheet PDF - Optronics International

Part # HLL78LB
Download  HLL78LB Click to download

File Size   254.9 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description DOT Compliant High and Low Beam Sealed LED Headlights

HLL78LB Datasheet (HTML) - Optronics International


HLL78LB Product details

Raw lumen output: 2340 lm, Effective lumen output: 1638 lm
Replaces standard 4" x 6" sealed beam halogen and HID headlights
Light output whiter than incandescent for greater visibility
Long lasting, energy efficient - diodes last up to 50 times longer than incandescent,
draws less than 1 amp
Dual power: use with 12VDC or 24VDC systems
Die cast aluminum construction with powder coat finish resists corrosion
Tough polycarbonate lens
IP67 rating: protected from dust and capable of withstanding water immersion, offering
increased reliability and service life
Hard wired; 9-in. leads with H4 3-blade connector
Available in bulk, polypack and retail packaging
Lifetime LED Warranty




Similar Part No. - HLL78LB

ManufacturerPart #DatasheetDescription
logo
Optronics International
HLL70 OPTRONICS-HLL70 Datasheet
206Kb / 1P
5x7 DOT Compliant High/Low Beam Sealed LED Headlight
HLL70HLB OPTRONICS-HLL70HLB Datasheet
206Kb / 1P
5x7 DOT Compliant High/Low Beam Sealed LED Headlight
More results


Similar Description - HLL78LB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
D3232SL-88 SEOUL-D3232SL-88 Datasheet
361Kb / 3P
LED DOT MATRIX
SSD-D6464SLMH-GREEN SEOUL-SSD-D6464SLMH-GREEN Datasheet
1Mb / 6P
LED DOT MATRIX
logo
BetLux Electronics
BL-M07C881S BETLUX-BL-M07C881S Datasheet
159Kb / 4P
LED DOT MATRIX
REV NO: V.2
BL-M15X881XX BETLUX-BL-M15X881XX Datasheet
118Kb / 3P
LED DOT MATRIX
REV NO: V.3
BL-M15X882 BETLUX-BL-M15X882 Datasheet
161Kb / 4P
LED DOT MATRIX
REV NO: V.3
logo
MolexKits
76650-0166 MOLEXKITS-76650-0166 Datasheet
38Kb / 2P
Sealed Plug and Receptacle, JIS D0203 S2 Waterproof Compliant
logo
Panasonic Semiconductor
ACV31012 PANASONIC-ACV31012_12 Datasheet
89Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY Headlights
logo
Samtec, Inc
LTH-010-01-G-D-A SAMTEC-LTH-010-01-G-D-A Datasheet
745Kb / 1P
LOW PROFILE BLADE AND BEAM
LSH-020-01-G-D-A SAMTEC-LSH-020-01-G-D-A Datasheet
185Kb / 1P
LOW PROFILE BLADE AND BEAM
logo
Lumileds Lighting Compa...
DS157 LUMILEDS-DS157 Datasheet
1Mb / 17P
Industry-leading solutions for low and high beam lamps
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com