Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLL78LB Datasheet(PDF) 1 Page - Optronics International

Part # HLL78LB
Description  DOT Compliant High and Low Beam Sealed LED Headlights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

HLL78LB Datasheet(HTML) 1 Page - Optronics International

  HLL78LB Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
HLL78/79 SERIES
DOT Compliant High and Low Beam Sealed LED
Headlights
Raw lumen output: 2340 lm, Effective lumen output: 1638 lm 
Replaces standard 4" x 6" sealed beam halogen and HID headlights
Light output whiter than incandescent for greater visibility
Long lasting, energy efficient ­ diodes last up to 50 times longer than incandescent,
draws less than 1 amp
Dual power: use with 12VDC or 24VDC systems
Die cast aluminum construction with powder coat finish resists corrosion
Tough polycarbonate lens
IP67 rating: protected from dust and capable of withstanding water immersion, offering
increased reliability and service life
Hard wired; 9­in. leads with H4 3­blade connector
Available in bulk, polypack and retail packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
HLL78LB
HLL78LBP
11
Low Beam Headlight, 12­24V, hard wired
(red=high beam, black/yellow=low beam,
white=ground), 9­in. leads with H4 3­blade
connector
1
HLL79HB
HLL79HBP
11
High Beam Headlight, 12­24V, hard wired
(red/yellow=high beam, white=ground), 9­in.
leads with H4 3­blade connector
1
HLL78LS
11
DISCONTINUED ­ Low Beam Headlight, 12­24V,
hard wired (red=high beam, black/yellow=low
beam, white=ground), 9­in. leads with H4 3­
blade connector, Retail Box
1
HLL79HS
11
DISCONTINUED ­ High Beam Headlight, 12­24V,
hard wired (red/yellow=high beam,
white=ground), 9­in. leads with H4 3­blade
connector, Retail Box
1
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
HL
MATERIALS:
Polycarbonate lens, aluminum housing
VOLT/AMP:
12VDC ­ 24.8W
WT/DIMS:
1.858 lbs / 6.58" x 4.2" x 3.32"
WARRANTY:
Lifetime LED Warranty


Similar Part No. - HLL78LB

ManufacturerPart #DatasheetDescription
logo
Optronics International
HLL70 OPTRONICS-HLL70 Datasheet
206Kb / 1P
5x7 DOT Compliant High/Low Beam Sealed LED Headlight
HLL70HLB OPTRONICS-HLL70HLB Datasheet
206Kb / 1P
5x7 DOT Compliant High/Low Beam Sealed LED Headlight
More results

Similar Description - HLL78LB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
D3232SL-88 SEOUL-D3232SL-88 Datasheet
361Kb / 3P
LED DOT MATRIX
SSD-D6464SLMH-GREEN SEOUL-SSD-D6464SLMH-GREEN Datasheet
1Mb / 6P
LED DOT MATRIX
logo
BetLux Electronics
BL-M07C881S BETLUX-BL-M07C881S Datasheet
159Kb / 4P
LED DOT MATRIX
REV NO: V.2
BL-M15X881XX BETLUX-BL-M15X881XX Datasheet
118Kb / 3P
LED DOT MATRIX
REV NO: V.3
BL-M15X882 BETLUX-BL-M15X882 Datasheet
161Kb / 4P
LED DOT MATRIX
REV NO: V.3
logo
MolexKits
76650-0166 MOLEXKITS-76650-0166 Datasheet
38Kb / 2P
Sealed Plug and Receptacle, JIS D0203 S2 Waterproof Compliant
logo
Panasonic Semiconductor
ACV31012 PANASONIC-ACV31012_12 Datasheet
89Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY Headlights
logo
Samtec, Inc
LTH-010-01-G-D-A SAMTEC-LTH-010-01-G-D-A Datasheet
745Kb / 1P
LOW PROFILE BLADE AND BEAM
LSH-020-01-G-D-A SAMTEC-LSH-020-01-G-D-A Datasheet
185Kb / 1P
LOW PROFILE BLADE AND BEAM
logo
Lumileds Lighting Compa...
DS157 LUMILEDS-DS157 Datasheet
1Mb / 17P
Industry-leading solutions for low and high beam lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com