Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLL70 Datasheet(PDF) 1 Page - Optronics International

Part # HLL70
Description  5x7 DOT Compliant High/Low Beam Sealed LED Headlight
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

HLL70 Datasheet(HTML) 1 Page - Optronics International

  HLL70 Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
HLL70 SERIES
5x7 DOT Compliant High/Low Beam Sealed LED
Headlight
Replace standard 5" x 7" sealed beam halogen and HID headlights
Light output whiter than incandescent for greater visibility
Long lasting, energy efficient ­ diodes last up to 50 times longer than incandescent,
draws just 1.1 amp
Dual power: use with 12VDC or 24VDC systems
Lumen output: High beam 1240 raw/990 eff; low beam 870 raw/510 eff
Hard wired (red=high beam, black=low beam, white=ground); 6.5­in. leads with standard
H4 3­blade connector
Die cast aluminum construction with powder coat finish resists corrosion
Tough polycarbonate lens
IP67 rating: protected from dust and capable of withstanding water immersion, offering
increased reliability and service life
Available in bulk, polypack and retail packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
HLL70HLB
HLL70HLBP
12
5" x 7" High/Low beam headlight, 12­24V, hard
wired (red=high beam, black=low beam,
white=ground), 6.5­in. leads with H4 3­blade
connector
1
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
HL
MATERIALS:
Polycarbonate lens, aluminum housing
VOLT/AMP:
12.8V ­ High 1.13A (16.5W, 920 lm), Low 0.85A (11.4W, 465 lm)
WT/DIMS:
2.99 lbs. / 7.88" x 5.58" x 3.50"
WARRANTY:
Lifetime LED Warranty


Similar Part No. - HLL70

ManufacturerPart #DatasheetDescription
logo
Optronics International
HLL78 OPTRONICS-HLL78 Datasheet
254Kb / 1P
DOT Compliant High and Low Beam Sealed LED Headlights
HLL78LB OPTRONICS-HLL78LB Datasheet
254Kb / 1P
DOT Compliant High and Low Beam Sealed LED Headlights
HLL78LS OPTRONICS-HLL78LS Datasheet
254Kb / 1P
DOT Compliant High and Low Beam Sealed LED Headlights
HLL79HB OPTRONICS-HLL79HB Datasheet
254Kb / 1P
DOT Compliant High and Low Beam Sealed LED Headlights
HLL79HS OPTRONICS-HLL79HS Datasheet
254Kb / 1P
DOT Compliant High and Low Beam Sealed LED Headlights
More results

Similar Description - HLL70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTP-747R ETC1-LTP-747R Datasheet
85Kb / 1P
0.7 inch -5x7 LED DOT MATRIX
logo
LightKey Optoelectronic...
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
4.00 inch 5x7 Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
4.00 inch 5x7 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
2.00 inch 5x7 Dot Matrix LED Display
logo
List of Unclassifed Man...
GMC07IB75 ETC2-GMC07IB75 Datasheet
283Kb / 7P
5x7 Dot Matrix
GMC12IB75 ETC2-GMC12IB75 Datasheet
285Kb / 7P
5x7 Dot Matrix
logo
Energizer
TUFHD31PH ENERGIZER-TUFHD31PH Datasheet
593Kb / 1P
LED Headlight
MSHD31E ENERGIZER-MSHD31E Datasheet
148Kb / 1P
LED Headlight
HD5HP32E ENERGIZER-HD5HP32E Datasheet
403Kb / 2P
High Performance LED Headlight
INHD5L32H ENERGIZER-INHD5L32H Datasheet
613Kb / 1P
Brilliant Beam Headlight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com