Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC844 Datasheet (PDF) - Renesas Technology Corp

UPC844 Datasheet PDF - Renesas Technology Corp
Part # UPC844_V01
Download  UPC844 Download
File Size   641.34 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Power Supply, High Speed, Wide Band, Quad Operational Amplifiers

UPC844 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC844 Datasheet PDF - Renesas Technology Corp

Part # UPC844_V01
Download  UPC844 Click to download

File Size   641.34 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Power Supply, High Speed, Wide Band, Quad Operational Amplifiers

UPC844 Datasheet (HTML) - Renesas Technology Corp


UPC844 Product details

• Slew Rate (AV = 1 ) 7 V/μs (TYP.) (V + = +5 V, V - = GND)
• Gain Bandwidth Product (f = 100 kHz) 3.5 MHz (TYP.)
• Input Offset Voltage ±2 mV (TYP.)
• Input Offset Current ±6nA (TYP.)
• Operating Ambient Temperature
UPC844G2 : TA = -40 ~ +85 °C, UPC4744G2 : TA = -20 ~ +80 °C
UPC844GR-9LG : TA = -40 ~ +125 °C, UPC4744GR-9LG : TA = -40 ~ +85°C
• Stability to capacitive load (Capacitive load, 1000 pF)
• Build-in phase correction circuit.
• Built-in output short-circuit protection circuit.
• Standard pin (pin compatible) configuration of a quad operational amplifier.




Similar Part No. - UPC844_V01

ManufacturerPart #DatasheetDescription
logo
NEC
UPC844C NEC-UPC844C Datasheet
454Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT, SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC844C RENESAS-UPC844C Datasheet
573Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
logo
NEC
UPC844G NEC-UPC844G Datasheet
454Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT, SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
UPC844G2 NEC-UPC844G2 Datasheet
454Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT, SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC844G2 RENESAS-UPC844G2 Datasheet
573Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
More results


Similar Description - UPC844_V01

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4742 NEC-UPC4742 Datasheet
84Kb / 12P
SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
UPC4744 NEC-UPC4744 Datasheet
86Kb / 12P
SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
Mitsubishi Electric Sem...
M5224P MITSUBISHI-M5224P Datasheet
177Kb / 5P
QUAD SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
logo
NEC
UPC844 NEC-UPC844 Datasheet
454Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT, SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
UPC842GR-9LG NEC-UPC842GR-9LG Datasheet
203Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
UPC844GR-9LG NEC-UPC844GR-9LG Datasheet
204Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC451 RENESAS-UPC451 Datasheet
632Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC451A RENESAS-UPC451A Datasheet
595Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
UPC842A RENESAS-UPC842A Datasheet
638Kb / 9P
Single Power Supply, High Speed, Wide Band, Dual Bipolar Operational Amplifier
2018.12.19
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com