Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS92 Datasheet (PDF) - Bridgelux, Inc.

DS92 Datasheet PDF - Bridgelux, Inc.
Part # DS92
Download  DS92 Download
File Size   2204.56 Kbytes
Page   39 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description Gen 7 Vero® 18 Array

DS92 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS92 Datasheet PDF - Bridgelux, Inc.

Part # DS92
Download  DS92 Click to download

File Size   2204.56 Kbytes
Page   39 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description Gen 7 Vero® 18 Array

DS92 Datasheet (HTML) - Bridgelux, Inc.


DS92 Product details

Features
• Efficacy of 170 lm/W typical for 3000K 80 CRI
• Lumen output performance ranges from 1,455 to 13,600 lumens
• Broad range of CCT options from 1750K to 6500K
• CRI options include minimum 65, 70, 80, 90, 95 and Class A
• Reliable operation at up to 2X nominal drive current
• Radial die pattern and improved lumen density
• Thermally isolated solder pads
• Onboard connector port
• Top side part number markings
• Vf bin code backside marking




Similar Part No. - DS92

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92001 NSC-DS92001 Datasheet
257Kb / 12P
3.3V B/LVDS-BLVDS Buffer
DS92001 NSC-DS92001 Datasheet
642Kb / 12P
3.3V B/LVDS-BLVDS Buffer
logo
Texas Instruments
DS92001 TI-DS92001 Datasheet
897Kb / 17P
DS92001 3.3V B/LVDS-BLVDS Buffer
DS92001 TI2-DS92001 Datasheet
601Kb / 20P
DS92001 3.3V B/LVDS-BLVDS Buffer
REVISED APRIL 2013
logo
National Semiconductor ...
DS92001TLD NSC-DS92001TLD Datasheet
257Kb / 12P
3.3V B/LVDS-BLVDS Buffer
More results


Similar Description - DS92

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRC-17E10K0-B-74-SE ETC2-BXRC-17E10K0-B-74-SE Datasheet
2Mb / 32P
Bridgelux Vero SE 29 Array Series
BXRC-20B1001-B-73 ETC2-BXRC-20B1001-B-73 Datasheet
1Mb / 31P
Bridgelux Gen 7 Vero 10 Array Series
logo
Vishay Siliconix
VSKY05201006 VISHAY-VSKY05201006 Datasheet
131Kb / 5P
Schottky Rectifier Surface Mount FlipKY® Gen 2
19-Jan-17
VSKY05401006 VISHAY-VSKY05401006 Datasheet
131Kb / 5P
Schottky Rectifier Surface Mount FlipKY® Gen 2
19-Jan-17
VSKY10301406 VISHAY-VSKY10301406 Datasheet
131Kb / 5P
Schottky Rectifier Surface Mount Flipky® Gen 2
19-Jan-17
logo
DFI Inc
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
logo
Advantech Co., Ltd.
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
SKY-7232D3E ADVANTECH-SKY-7232D3E Datasheet
469Kb / 2P
2U HCI Server with 3rd Gen. Intel® Xeon® Scalable Processors
3-Mar-2023
SKY-7632D ADVANTECH-SKY-7632D Datasheet
813Kb / 2P
2U Edge Sever with 3rd Gen. Intel® Xeon® Scalable Processors
5-Jul-2022
logo
Lapp.
2170481 LAPP-2170481 Datasheet
308Kb / 2P
ETHERLINE® TORSION Cat. 7
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com