Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2A2BD3CFM Datasheet (PDF) - Renesas Technology Corp

R7FA2A2BD3CFM Datasheet PDF - Renesas Technology Corp
Part # R7FA2A2BD3CFM
Download  R7FA2A2BD3CFM Download
File Size   1773.69 Kbytes
Page   116 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas Microcontrollers

R7FA2A2BD3CFM Datasheet (PDF)

Go To PDF Page Download Datasheet
R7FA2A2BD3CFM Datasheet PDF - Renesas Technology Corp

Part # R7FA2A2BD3CFM
Download  R7FA2A2BD3CFM Click to download

File Size   1773.69 Kbytes
Page   116 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas Microcontrollers

R7FA2A2BD3CFM Datasheet (HTML) - Renesas Technology Corp


R7FA2A2BD3CFM Product details

● Armv8-M architecture
● Maximum operating frequency: 48 MHz
● Arm Memory Protection Unit (Arm MPU) with 8 regions
● Debug and Trace: DWT, FPB, CoreSight™ MTB-M23
● CoreSight Debug Port: SW-DP
■ Memory
● Up to 512-KB code flash memory
● Bank Swap
● Dual bank flash (256 KB × 2 banks)
● 8-KB data flash memory (100,000 program/erase (P/E) cycles)
● 48-KB SRAM
● Memory Protection Units (MPU)
● Memory Mirror Function (MMF)
● 128-bit unique ID
■ Connectivity
● Serial Communications Interface (SCI) × 5
– Asynchronous interfaces
– 8-bit clock synchronous interface
– Simple IIC
– Simple SPI
– Smart card interface
● Serial Peripheral Interface (SPI) × 1
● I2C bus interface (IIC) × 2
■ Analog
● 24-bit Sigma-Delta A/D Converter (SDADC24)
– Sampling rate is 7.813 kHz/8.333 kHz or 3.906 kHz/4.166 kHz
– Differential/Single-ended input mode, up to 7 ch
– Main clock oscillator (MOSC) 12 MHz or 16 MHz
– PLL clock multiplied from Sub-clock oscillator (SOSC) (32.768kHz)
– High-speed on-chip oscillator (HOCO) (24/32/48/64 MHz)
● 12-bit A/D Converter (ADC12)
● Temperature Sensor (TSN)




Similar Part No. - R7FA2A2BD3CFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7FA2A1AB2CBT RENESAS-R7FA2A1AB2CBT Datasheet
1Mb / 100P
32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
R7FA2A1AB2CBT RENESAS-R7FA2A1AB2CBT Datasheet
1Mb / 100P
RA2A1 Group
Rev.1.11 Jul 14, 2023
R7FA2A1AB2CBT#AC0 RENESAS-R7FA2A1AB2CBT#AC0 Datasheet
1Mb / 100P
32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
R7FA2A1AB3CFJ RENESAS-R7FA2A1AB3CFJ Datasheet
1Mb / 100P
32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
R7FA2A1AB3CFJ RENESAS-R7FA2A1AB3CFJ Datasheet
1Mb / 100P
RA2A1 Group
Rev.1.11 Jul 14, 2023
More results


Similar Description - R7FA2A2BD3CFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
R32C111 RENESAS-R32C111 Datasheet
974Kb / 84P
RENESAS MCU
UPD70F3741GC RENESAS-UPD70F3741GC Datasheet
10Mb / 889P
RENESAS MCU V850ES/JG3 Microcontrollers
UPD70F3786GJ-GAE-AX RENESAS-UPD70F3786GJ-GAE-AX Datasheet
9Mb / 1817P
RENESAS MCU V850ES/Jx3-E Microcontrollers
UPD70F3793GC-UEU-AX RENESAS-UPD70F3793GC-UEU-AX Datasheet
6Mb / 1113P
RENESAS MCU V850ES/Jx3-L Microcontrollers
RA6T2 RENESAS-RA6T2 Datasheet
1Mb / 93P
Renesas Microcontrollers
Mar 31, 2022
R01DS0410EJ0110 RENESAS-R01DS0410EJ0110 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
R01DS0413EJ0110 RENESAS-R01DS0413EJ0110 Datasheet
2Mb / 90P
Renesas Microcontrollers
Feb 28, 2023
RA4E2 RENESAS-RA4E2 Datasheet
2Mb / 90P
Renesas Microcontrollers
Feb 28, 2023
RA6E2 RENESAS-RA6E2 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com