Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2754V Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM2754V Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM2754V
Download  NJM2754V Download
File Size   266.08 Kbytes
Page   9 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 4in-1out Audio Selector with Isolation amplifier

NJM2754V Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2754V Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM2754V
Download  NJM2754V Click to download

File Size   266.08 Kbytes
Page   9 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 4in-1out Audio Selector with Isolation amplifier

NJM2754V Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM2754V Product details

FEATURES
•4in-1out Stereo Audio Selector
•Operating Voltage 4.3 to 12V
•Operating Current 14mA(typ.)
•Common mode rejection ratio CMRR=60dB typ.
•Maximum Output Voltage 2Vrms min., @ THD=0.1%
•Supply Voltage Rejection Ratio 60dB typ.
•Total Harmonic Distortion 0.003% typ.
•Noise Output Voltage 1.7μVrms typ.
•Bipolar Technology
•Package Outline SSOP20




Similar Part No. - NJM2754V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2754V NJRC-NJM2754V Datasheet
204Kb / 9P
4in-1out Audio Selector with Isolation amplifier
More results


Similar Description - NJM2754V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1168 NJRC-NJW1168 Datasheet
505Kb / 34P
AUDIO PROCESSOR with Input Selector and Subwoofer Output
logo
Rohm
BA3121F ROHM-BA3121F Datasheet
164Kb / 6P
Ground isolation amplifier for car audio systems
logo
Princeton Technology Co...
PT2323 PTC-PT2323 Datasheet
109Kb / 4P
6-Ch Audio Selector
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840 AVAGO-HCPL-7840 Datasheet
320Kb / 19P
Isolation Amplifier
logo
New Japan Radio
NJM2754 NJRC-NJM2754 Datasheet
204Kb / 9P
4in-1out Audio Selector with Isolation amplifier
logo
Rohm
BU7831KN ROHM-BU7831KN_06 Datasheet
1Mb / 17P
Voice/Audio Mixer & Selector
logo
Sanyo Semicon Device
LC89075W-H SANYO-LC89075W-H Datasheet
422Kb / 69P
Digital Audio Interface Receiver with Stereo ADC and Audio Selector
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-782T-000E AVAGO-ACPL-782T-000E Datasheet
257Kb / 18P
Automotive Isolation Amplifier with R2Coupler??Isolation
ACPL-782T-300E AVAGO-ACPL-782T-300E Datasheet
257Kb / 18P
Automotive Isolation Amplifier with R2Coupler Isolation
logo
WISDOM INTERNATIONAL TE...
CSC2323 WISWOOD-CSC2323 Datasheet
131Kb / 4P
6-Ch Audio Selector
July, 2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com