Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO32358SO8 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO32358SO8 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO32358SO8
Download  DIO32358SO8 Download
File Size   1408.29 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 1.4 MHz, 60 μA, Rail-to-Rail I/O CMOS Amplifier

DIO32358SO8 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO32358SO8 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO32358SO8
Download  DIO32358SO8 Click to download

File Size   1408.29 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 1.4 MHz, 60 μA, Rail-to-Rail I/O CMOS Amplifier

DIO32358SO8 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO32358SO8 Product details

Features
 Rail-to-rail input and output
 Maxim offset (VOS): 6 mV
 Unity gain stable
 Gain bandwidth product: 1.4 MHz
 Very low input bias currents: 5 pA
 Wide supply range: 2.0 V to 5.5 V
 Input voltage range: 0 V to +5 V
 Ultra low power: 60 μA per channel
 Small size packaging best for portable
applications, available in SOIC-8 and
MSOP-8
Applications
 ASIC input or output amplifier
 Sensor interface
 Piezo electric transducer amplifier
 Medical instrumentation
 Audio output
 Portable systems
 Smoke detectors
 Notebook PC
 Battery-powered equipment
Descriptions
The DIO32358 is a rail-to-rail CMOS operational
amplifier with ultra-low offset. Features include
wide input common-mode voltage range and broad
output voltage swing with operating supply voltage
from 2.0 V to 5.5 V. Products are fully specified
over the extended –40 to +125°C temperature
range.
The DIO32358 provides 1.4 MHz bandwidth
consuming ultra-low current of 60 μA per channel.
Very low input bias currents of 5 pA enable it to be
ideal for integrators, photodiode amplifiers, and
piezoelectric sensors.




Similar Part No. - DIO32358SO8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO32051 DIOO-DIO32051 Datasheet
2Mb / 14P
0.5 MHz, 24 μA, Rail-to-Rail I/O CMOS Amplifier
Rev 1.6
DIO32051A DIOO-DIO32051A Datasheet
852Kb / 9P
0.5 MHz, 24 μA, High Performance CMOS Amplifier
Rev 1.9
DIO32051ACN4 DIOO-DIO32051ACN4 Datasheet
852Kb / 9P
0.5 MHz, 24 μA, High Performance CMOS Amplifier
Rev 1.9
DIO32051ASC5 DIOO-DIO32051ASC5 Datasheet
2Mb / 14P
0.5 MHz, 24 μA, Rail-to-Rail I/O CMOS Amplifier
Rev 1.6
DIO32051AST5 DIOO-DIO32051AST5 Datasheet
2Mb / 14P
0.5 MHz, 24 μA, Rail-to-Rail I/O CMOS Amplifier
Rev 1.6
More results


Similar Description - DIO32358SO8

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
TLV3544-Q1 TI1-TLV3544-Q1 Datasheet
1Mb / 30P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifier for Automotive
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
SG Micro Corp
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com