Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD06 Datasheet (PDF) - SG Micro Corp

SD06 Datasheet PDF - SG Micro Corp
Part # SD06
Download  SD06 Download
File Size   710.0 Kbytes
Page   12 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier

SD06 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD06 Datasheet PDF - SG Micro Corp

Part # SD06
Download  SD06 Click to download

File Size   710.0 Kbytes
Page   12 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier

SD06 Datasheet (HTML) - SG Micro Corp


SD06 Product details

FEATURES
 Rail-to-Rail Input and Output
0.9mV Typical VOS
 High Gain-Bandwidth Product: 6MHz
 High Slew Rate: 3.7V/μs
 Settling Time to 0.1% with 2V Step: 0.5μs
 Overload Recovery Time: 0.9μs
 Low Noise: 13nV/ Hz at 1kHz
 Supply Voltage Range: 2V to 5.5V
 Input Voltage Range: -0.1V to +5.6V with VS = 5.5V
 Low Supply Current: 960μA (TYP)
 Available in Green SOIC-8 Package

APPLICATIONS
Sensors
Audio
Active Filters
A/D Converters
Communications
Test Equipment
Cellular and Cordless Phones
Laptops and PDAs
Photodiode Amplification
Battery-Powered Instrumentation




Similar Part No. - SD06

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
SD060-11-41-211 ADVANCEDPHOTONIX-SD060-11-41-211 Datasheet
113Kb / 1P
InGaAs Photodetectors
logo
Sensitron
SD060SA30A SENSITRON-SD060SA30A Datasheet
54Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
logo
SMC Diode Solutions Co....
SD060SA30A SMCDIODE-SD060SA30A Datasheet
127Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE
logo
Sensitron
SD060SA30B SENSITRON-SD060SA30B Datasheet
54Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD060SA45A SENSITRON-SD060SA45A Datasheet
62Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
More results


Similar Description - SD06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com