Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD06 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SD06
Description  960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SD06 Datasheet(HTML) 1 Page - SG Micro Corp

  SD06 Datasheet HTML 1Page - SG Micro Corp SD06 Datasheet HTML 2Page - SG Micro Corp SD06 Datasheet HTML 3Page - SG Micro Corp SD06 Datasheet HTML 4Page - SG Micro Corp SD06 Datasheet HTML 5Page - SG Micro Corp SD06 Datasheet HTML 6Page - SG Micro Corp SD06 Datasheet HTML 7Page - SG Micro Corp SD06 Datasheet HTML 8Page - SG Micro Corp SD06 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SD06
960μA, 6MHz, Rail-to-Rail I/O
CMOS Operational Amplifier
August 31, 2015
SG Micro Corp
www.sg-micro.com
PRODUCT DESCRIPTION
The SD06 is a low noise, low voltage, and low power
operational amplifier that can be designed into a wide
range of applications. The SD06 has a high gain-
bandwidth product of 6MHz, a slew rate of 3.7V/μs, and
a quiescent current of 960μA at 5V.
The SD06 is designed to provide optimal performance
in low voltage and low noise system. It provides
rail-to-rail output swing into heavy load. The input
common mode voltage range includes ground, and the
maximum input offset voltage is 3.5mV for SD06. The
operating range is from 2V to 5.5V.
The SD06 is available in Green SOIC-8 package. It is
specified over the extended industrial temperature
range (-40
℃ to +125℃).
APPLICATIONS
Sensors
Audio
Active Filters
A/D Converters
Communications
Test Equipment
Cellular and Cordless Phones
Laptops and PDAs
Photodiode Amplification
Battery-Powered Instrumentation
FEATURES
 Rail-to-Rail Input and Output
0.9mV Typical VOS
 High Gain-Bandwidth Product: 6MHz
 High Slew Rate: 3.7V/μs
 Settling Time to 0.1% with 2V Step: 0.5μs
 Overload Recovery Time: 0.9μs
 Low Noise: 13nV/ Hz at 1kHz
 Supply Voltage Range: 2V to 5.5V
 Input Voltage Range: -0.1V to +5.6V with VS = 5.5V
 Low Supply Current: 960μA (TYP)
 Available in Green SOIC-8 Package
PIN CONFIGURATION
(TOP VIEW)
OUTA
+INA
OUTB
+VS
+INB
5
6
7
8
1
2
3
4
-INA
-VS
-INB
SOIC-8


Similar Part No. - SD06

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
SD060-11-41-211 ADVANCEDPHOTONIX-SD060-11-41-211 Datasheet
113Kb / 1P
InGaAs Photodetectors
logo
Sensitron
SD060SA30A SENSITRON-SD060SA30A Datasheet
54Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
logo
SMC Diode Solutions Co....
SD060SA30A SMCDIODE-SD060SA30A Datasheet
127Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE
logo
Sensitron
SD060SA30B SENSITRON-SD060SA30B Datasheet
54Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD060SA45A SENSITRON-SD060SA45A Datasheet
62Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
More results

Similar Description - SD06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com