Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD06 Datasheet(PDF) 12 Page - SG Micro Corp

Part # SD06
Description  960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SD06 Datasheet(HTML) 12 Page - SG Micro Corp

Back Button SD06 Datasheet HTML 4Page - SG Micro Corp SD06 Datasheet HTML 5Page - SG Micro Corp SD06 Datasheet HTML 6Page - SG Micro Corp SD06 Datasheet HTML 7Page - SG Micro Corp SD06 Datasheet HTML 8Page - SG Micro Corp SD06 Datasheet HTML 9Page - SG Micro Corp SD06 Datasheet HTML 10Page - SG Micro Corp SD06 Datasheet HTML 11Page - SG Micro Corp SD06 Datasheet HTML 12Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
PACKAGE INFORMATION
SG Micro Corp
www.sg-micro.com
TX20000.000
CARTON BOX DIMENSIONS
NOTE: The picture is only for reference. Please make the object as the standard.
KEY PARAMETER LIST OF CARTON BOX
Reel Type
Length
(mm)
Width
(mm)
Height
(mm)
Pizza/Carton
13″
386
280
370
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com