Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD06 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SD06
Description  960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SD06 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SD06 Datasheet HTML 3Page - SG Micro Corp SD06 Datasheet HTML 4Page - SG Micro Corp SD06 Datasheet HTML 5Page - SG Micro Corp SD06 Datasheet HTML 6Page - SG Micro Corp SD06 Datasheet HTML 7Page - SG Micro Corp SD06 Datasheet HTML 8Page - SG Micro Corp SD06 Datasheet HTML 9Page - SG Micro Corp SD06 Datasheet HTML 10Page - SG Micro Corp SD06 Datasheet HTML 11Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
960μA, 6MHz, Rail-to-Rail I/O
SD06
CMOS Operational Amplifier
SG Micro Corp
www.sg-micro.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VCM = VS/2, RL= 600Ω, unless otherwise noted.
CMRR vs. Temperature
PSRR vs. Temperature
50
60
70
80
90
100
110
-50
-25
0
25
50
75
100
125
Temperature (
℃)
VCM = -0.1V to 4V
VS = 5.5V
VCM = -0.1V to 5.6V
50
60
70
80
90
100
110
-50
-25
0
25
50
75
100
125
Temperature (
℃)
VS = 2V to 5.5V
Open-Loop Voltage Gain vs. Temperature
Open-Loop Voltage Gain vs. Temperature
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
Temperature (
℃)
VS = 5V
RL = 10kΩ
VS = 2V
60
70
80
90
100
110
-50
-25
0
25
50
75
100
125
Temperature (
℃)
VS = 5V
RL = 600Ω
VS = 2V
Input Voltage Noise Spectral Density vs. Frequency
Offset Voltage Production Distribution
1
10
100
1000
10
100
1000
10000
Frequency (Hz)
VS = 5V
0
5
10
15
20
25
30
35
-4
-3
-2
-1
0
1
2
3
4
Offset Voltage (mV)
20300 Samples
1 Production Lot
VS = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com