Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD06 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SD06
Description  960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SD06 Datasheet(HTML) 3 Page - SG Micro Corp

  SD06 Datasheet HTML 1Page - SG Micro Corp SD06 Datasheet HTML 2Page - SG Micro Corp SD06 Datasheet HTML 3Page - SG Micro Corp SD06 Datasheet HTML 4Page - SG Micro Corp SD06 Datasheet HTML 5Page - SG Micro Corp SD06 Datasheet HTML 6Page - SG Micro Corp SD06 Datasheet HTML 7Page - SG Micro Corp SD06 Datasheet HTML 8Page - SG Micro Corp SD06 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
960μA, 6MHz, Rail-to-Rail I/O
SD06
CMOS Operational Amplifier
SG Micro Corp
www.sg-micro.com
3
ELECTRICAL CHARACTERISTICS
(At TA = +25
℃, VS = +5V
, V
CM = VS/2, RL = 600Ω, unless otherwise noted.)
SD06
TYP
MIN/MAX OVER TEMPERATURE
PARAMETER
CONDITIONS
+25
℃
+25
℃
-40
℃ to
+85
℃
-40
℃ to
+125
℃
UNITS
MIN/
MAX
INPUT CHARACTERISTICS
Input Offset Voltage (VOS)
0.9
3.5
3.7
3.8
mV
MAX
Input Bias Current (IB)
1
pA
TYP
Input Offset Current (IOS)
1
pA
TYP
Input Common Mode Voltage Range
(VCM)
VS = 5.5V
-0.1 to 5.6
V
TYP
VS = 5.5V, VCM = -0.1V to 4V
84
68
67
66
dB
MIN
Common Mode Rejection Ratio
(CMRR)
VS = 5.5V, VCM = -0.1V to 5.6V
76
dB
MIN
RL = 600Ω, VO = 0.15V to 4.85V
92
83
76
60
dB
MIN
Open-Loop Voltage Gain (AOL)
RL = 10kΩ , VO = 0.05V to 4.95V
103
dB
MIN
Input Offset Voltage Drift (ΔVOS/ΔT)
2.4
μV/
℃
TYP
OUTPUT CHARACTERISTICS
RL = 600Ω
0.079
V
TYP
Output Voltage Swing from Rail
RL = 10kΩ
0.007
V
TYP
Output Current (IOUT)
51
39
28
22
mA
MIN
Closed-Loop Output Impedance
f = 200kHz, G = 1
5.4
Ω
TYP
POWER SUPPLY
2
2
2
2
V
MIN
Operating Voltage Range
5.5
5.5
5.5
5.5
V
MAX
Power Supply Rejection Ratio (PSRR)
VS = 2V to 5.5V,
VCM = (-VS) + 0.5V
84
69
68
67
dB
MIN
Quiescent Current (IQ)
IOUT = 0
0.96
1.25
1.45
1.57
mA
MAX
DYNAMIC PERFORMANCE
Gain-Bandwidth Product (GBP)
6
MHz
TYP
Phase Margin (φO)
63
°
TYP
Full Power Bandwidth (BWP)
<1% distortion
250
kHz
TYP
Slew Rate (SR)
G=1, 2V output step
3.7
V/μs
TYP
Settling Time to 0.1% (tS)
G=1, 2V output step
0.5
μs
TYP
Overload Recovery Time
VIN × Gain = VS
0.9
μs
TYP
NOISE PERFORMANCE
Voltage Noise Density (en)
f = 1kHz
13
nV
/ Hz
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com