Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD06 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SD06
Description  960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SD06 Datasheet(HTML) 4 Page - SG Micro Corp

  SD06 Datasheet HTML 1Page - SG Micro Corp SD06 Datasheet HTML 2Page - SG Micro Corp SD06 Datasheet HTML 3Page - SG Micro Corp SD06 Datasheet HTML 4Page - SG Micro Corp SD06 Datasheet HTML 5Page - SG Micro Corp SD06 Datasheet HTML 6Page - SG Micro Corp SD06 Datasheet HTML 7Page - SG Micro Corp SD06 Datasheet HTML 8Page - SG Micro Corp SD06 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
960μA, 6MHz, Rail-to-Rail I/O
SD06
CMOS Operational Amplifier
SG Micro Corp
www.sg-micro.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VCM = VS/2, RL= 600Ω, unless otherwise noted.
CMRR vs. Frequency
PSRR vs. Frequency
0
20
40
60
80
100
120
0.01
0.1
1
10
100
1000
Frequency (kHz)
V
S = 5V
0
20
40
60
80
100
120
0.01
0.1
1
10
100
1000
Frequency (kHz)
VS = 5V
PSRR+
PSRR-
Channel Separation vs. Frequency
Channel Separation vs. Frequency
0
30
60
90
120
150
0.1
1
10
100
1000
Frequency (kHz)
VS = 2V
RL = 620Ω
TA = +25℃
G = 1
Channel B to A
Channel A to B
0
30
60
90
120
150
0.1
1
10
100
1000
Frequency (kHz)
VS = 5V
RL = 620Ω
TA = +25℃
G = 1
Channel A to B
Channel B to A
Closed-Loop Output Voltage Swing
Closed-Loop Output Voltage Swing
0
0.5
1
1.5
2
2.5
10
100
1000
10000
Frequency (kHz)
VS = 2V
VIN = 2VP-P
TA = +25℃
RL = 10kΩ
G = 1
0
1
2
3
4
5
6
10
100
1000
10000
Frequency (kHz)
VS = 5V
VIN = 4.9VP-P
TA = +25℃
RL = 10kΩ
G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com