Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1105 Datasheet (PDF) - ams-OSRAM AG

AS1105 Datasheet PDF - ams-OSRAM AG
Part # AS1105
Download  AS1105 Download
File Size   600.49 Kbytes
Page   17 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Serially Interfaced, 4-Digit LED Driver

AS1105 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1105 Datasheet PDF - ams-OSRAM AG

Part # AS1105
Download  AS1105 Click to download

File Size   600.49 Kbytes
Page   17 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Serially Interfaced, 4-Digit LED Driver

AS1105 Datasheet (HTML) - ams-OSRAM AG


AS1105 Product details

1 General Description
The AS1105 is an LED driver for 7-segment numeric displays of up
to 4 digits. The AS1105 can be programmed via a conventional 4-
wire serial interface.
The device includes a BCD code-B decoder, a multiplex scan
circuitry, segment and display drivers, and a 32-bit memory. The
memory is used to store the LED settings, so that continuous
reprogramming is not necessary.
Every individual segment can be addressed and updated separately.
Only one external resistor is required to set the current through the
LED display.
Brightness can be controlled either in an analog or digital way. The
user can choose the internal code-B decoder to display numeric
digits or to address each segment directly.
The AS1105 features an extremely low shutdown current of only
20μA and an operational current of less than 500μA. The number of
visible digits can be programmed as well.
The AS1105 can be reset by software and an external clock can be
used. Several test modes support easy debugging.
AS1105 is offered in a 20-pin SOIC package.
2 Key Features
Cost effective version of AS1100 functionality for applications
up to 4-Digits
10MHz Serial Interface
Individual LED Segment Control
Decode/No-Decode Digit Selection
20μA Low-Power Shutdown (Data Retained)
Extremely low Operating Current 0.5mA in open loop
Digital and Analog Brightness Control
Display Blanked on Power-Up
Drive Common-Cathode LED Display
Software Reset
Optional External clock
20-pin SOIC Package
3 Applications
The AS1105 is an ideal solution for Bar-Graph Displays, Industrial
Controllers, Panel Meters, LED Matrix Displays and White Goods
such as washing machines, dishwasher, etc.




Similar Part No. - AS1105

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
554Kb / 15P
Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
200Kb / 16P
Serially Interfaced, 4-Digit LED Driver
AS1105WE4 AMSCO-AS1105WE4 Datasheet
142Kb / 12P
Serially Interfaced, 4-Digit LED Driver
AS1105WL AMSCO-AS1105WL Datasheet
142Kb / 12P
Serially Interfaced, 4-Digit LED Driver
More results


Similar Description - AS1105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
Serially Interfaced, 8-Digit LED Display Drivers
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com