Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1105 Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS1105
Description  Serially Interfaced, 4-Digit LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1105 Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS1105 Datasheet HTML 1Page - ams-OSRAM AG AS1105 Datasheet HTML 2Page - ams-OSRAM AG AS1105 Datasheet HTML 3Page - ams-OSRAM AG AS1105 Datasheet HTML 4Page - ams-OSRAM AG AS1105 Datasheet HTML 5Page - ams-OSRAM AG AS1105 Datasheet HTML 6Page - ams-OSRAM AG AS1105 Datasheet HTML 7Page - ams-OSRAM AG AS1105 Datasheet HTML 8Page - ams-OSRAM AG AS1105 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AS1105
Serially Interfaced, 4-Digit LED Driver
www.ams.com/LED-Driver-ICs/AS1105
Revision 1.36
1 - 15
1 General Description
The AS1105 is an LED driver for 7-segment numeric displays of up
to 4 digits. The AS1105 can be programmed via a conventional 4-
wire serial interface.
The device includes a BCD code-B decoder, a multiplex scan
circuitry, segment and display drivers, and a 32-bit memory. The
memory is used to store the LED settings, so that continuous
reprogramming is not necessary.
Every individual segment can be addressed and updated separately.
Only one external resistor is required to set the current through the
LED display.
Brightness can be controlled either in an analog or digital way. The
user can choose the internal code-B decoder to display numeric
digits or to address each segment directly.
The AS1105 features an extremely low shutdown current of only
20µA and an operational current of less than 500µA. The number of
visible digits can be programmed as well.
The AS1105 can be reset by software and an external clock can be
used. Several test modes support easy debugging.
AS1105 is offered in a 20-pin SOIC package.
Figure 1. AS1105 - Typical Application Circuit
2 Key Features

Cost effective version of AS1100 functionality for applications
up to 4-Digits

10MHz Serial Interface

Individual LED Segment Control

Decode/No-Decode Digit Selection

20µA Low-Power Shutdown (Data Retained)

Extremely low Operating Current 0.5mA in open loop

Digital and Analog Brightness Control

Display Blanked on Power-Up

Drive Common-Cathode LED Display

Software Reset

Optional External clock

20-pin SOIC Package
3 Applications
The AS1105 is an ideal solution for Bar-Graph Displays, Industrial
Controllers, Panel Meters, LED Matrix Displays and White Goods
such as washing machines, dishwasher, etc.
4 Digits
8 Segments
GND
GND
CLK
LOAD
DIN
ISET
VDD
DIFG0-DIG3
SEG A-G
SEP DP
MOSI
µP I/O
SCK
+5V
4-Digit µP Display
9.53k
AS1105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com