Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1105 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS1105
Description  Serially Interfaced, 4-Digit LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1105 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS1105 Datasheet HTML 9Page - ams-OSRAM AG AS1105 Datasheet HTML 10Page - ams-OSRAM AG AS1105 Datasheet HTML 11Page - ams-OSRAM AG AS1105 Datasheet HTML 12Page - ams-OSRAM AG AS1105 Datasheet HTML 13Page - ams-OSRAM AG AS1105 Datasheet HTML 14Page - ams-OSRAM AG AS1105 Datasheet HTML 15Page - ams-OSRAM AG AS1105 Datasheet HTML 16Page - ams-OSRAM AG AS1105 Datasheet HTML 17Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.ams.com/LED-Driver-ICs/AS1105
Revision 1.36
12 - 15
AS1105
Datasheet - Application In form atio n
9.4 Cascading Drivers
The AS1105 can be cascaded as well. The DOUT pin must be connected to the DIN pin of the following AS1105.
9.5 Computing Power Dissipation
The upper limit for power dissipation (PD) for the AS1105 is determined from the following equation:
PD = (VDD x 0.5mA) + (VDD - VLED)(DUTY x ISEG x N)
(EQ 1)
Where:
VDD = supply voltage
DUTY = duty cycle set by intensity register
N = number of segments driven (worst case is 4)
VLED = LED forward voltage
ISEG = segment current set by RSET
Dissipation Example:
ISEG = 40mA, N = 4, DUTY = 31/32, VLED = 1.8V at 40mA, VDD = 5.25V
PD = 5.25V(0.5mA) + (5.25V - 1.8V)(31/32 x 40mA x 4) = 0.54W
Thus, for a SO package
θJA = +85ºC/W (see Table 13), the maximum allowed ambient temperature TA is given by:
TJ,MAX = TA + PD x
θJA = 150ºC = TA +0.54W x 85ºC/W
(EQ 2)
Where: TA = +104ºC
Table 16. Package Thermal Resistance Data
Package
Thermal Resistance (
θJA)
20 Wide SO
+85°C/W
Maximum Junction Temperature (TJ) = +150°C
Maximum Ambient Temperature (TA) = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com