Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1105 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # AS1105
Description  Serially Interfaced, 4-Digit LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1105 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button AS1105 Datasheet HTML 4Page - ams-OSRAM AG AS1105 Datasheet HTML 5Page - ams-OSRAM AG AS1105 Datasheet HTML 6Page - ams-OSRAM AG AS1105 Datasheet HTML 7Page - ams-OSRAM AG AS1105 Datasheet HTML 8Page - ams-OSRAM AG AS1105 Datasheet HTML 9Page - ams-OSRAM AG AS1105 Datasheet HTML 10Page - ams-OSRAM AG AS1105 Datasheet HTML 11Page - ams-OSRAM AG AS1105 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.ams.com/LED-Driver-ICs/AS1105
Revision 1.36
6 - 15
AS1105
Datasheet - Detailed Descr i p ti on
8 Detailed Description
8.1 Serial-Addressing Modes
The programming of the AS1105 is done via the 4-wire serial interface. A programming sequence consists of 16-bit packages. The data is shifted
into the internal 16-Bit register with the rising edge of the CLK signal. With the rising edge of the LOAD signal, the data is latched into a digital or
control register depending on the address. The LOAD signal must go to high after the 16th rising clock edge. The LOAD signal can also come
later but just before the next rising edge of CLK, otherwise data would be lost. The content of the internal shift register is applied 16.5 clock
cycles later to the DOUT pin. The data is clocked out at the falling edge of CLK. The Bits of the 16Bit-programming package are described in
Table 4. The first 4 Bits D15-D12 are ”don’t care, D11-D8 contain the address and D7-D0 contain the data. The first bit is D15, the most
significant bit (MSB). The exact timing is given in Figure 5.
Figure 5. Timing Diagram
8.2 Digit and Control Registers
The AS1105 incorporates 12 registers, which are listed in Table 5. The digit and control registers are selected via the 4Bit address word. The 4
digit registers are realized with a 32bit memory. Each digit can be controlled directly without rewriting the whole contents. The control registers
consist of decode mode, display intensity, number of scanned digits, shutdown, display test and reset/external clock register.
8.3 Shutdown Mode
The AS1105 features a shutdown mode, where it consumes only 20µA current. The shutdown mode is entered via a write to register 0Ch. Then
all segment current sources are pulled to ground and all digit drivers are connected to VDD, so that nothing is displayed. All internal digit
registers keep the programmed values. The shutdown mode can either be used for power saving or for generating a flashing display by
repeatedly entering and leaving the shutdown mode. The AS1105 needs typically 250µs to exit the shutdown mode. During shutdown, the
AS1105 is fully programmable. Only the display test function overrides the shutdown mode.
Table 4. Serial Data Format (16 Bits)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
Address
MSB
Data
LSB
D0
D1
D15
D14
DOUT
DIN
CLK
LOAD
tCSW
tCL
tC
tC
tC
tLDCK
tDO
tD
tD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com