Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1105 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS1105
Description  Serially Interfaced, 4-Digit LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1105 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS1105 Datasheet HTML 8Page - ams-OSRAM AG AS1105 Datasheet HTML 9Page - ams-OSRAM AG AS1105 Datasheet HTML 10Page - ams-OSRAM AG AS1105 Datasheet HTML 11Page - ams-OSRAM AG AS1105 Datasheet HTML 12Page - ams-OSRAM AG AS1105 Datasheet HTML 13Page - ams-OSRAM AG AS1105 Datasheet HTML 14Page - ams-OSRAM AG AS1105 Datasheet HTML 15Page - ams-OSRAM AG AS1105 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.ams.com/LED-Driver-ICs/AS1105
Revision 1.36
10 - 15
AS1105
Datasheet - Detailed Descr i p ti on
8.8 Display Test Register
With the display test register 0Fh all LED can be tested. In the test mode all LEDs are switched on at maximum brightness (duty cycle 31/32). All
programming of digit and control registers is maintained. The format of the register is given in Table 13.
Note:
The AS1105 remains in display-test mode until the display-test register is reconfigured for normal operation.
8.9 No-Op Register (Cascading of AS1105)
The no-operation register 00h is used when AS1105s are cascaded in order to support more than 4 digit displays. The cascading must be done
in a way that all DOUT are connected to DIN of the following AS1105. The LOAD and CLK signals are connected to all devices. For a write
operation for example to the fifth device the command must be followed by four no-operation commands. When the LOAD signal finally goes to
high all shift registers are latched. The first four devices have got no-operation commands and only the fifth device sees the intended command
and updates its register.
8.10 Reset and External Clock Register
This register is addressed via the serial interface. It allows to switch the device to external clock mode (If D0=1 the CLK pin of the serial interface
operates as system clock input.) and to apply an external reset (D1). This brings all registers (except reg. E) to default state. For standard
operation the register contents should be "00h".
Table 12. Maximum Segment Current for 1-, 2-, or 3-digit Displays
Number of Digits Displayed
Maximum Segment Current (mA)
110
220
330
Table 13. Display-test Register Format (address (hex) = 0xXF)
Mode
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Normal Operation
X
X
X
X
X
X
X
0
Display Test Mode
X
X
X
X
X
X
X
1
Table 14. Reset and external Clock register (address (hex) = 0xXE)
Mode
Address Code
(hex)
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Normal Operation, internal clock
0xXE
X
X
X
X
X
X
0
0
Normal Operation, external clock
0xXE
X
X
X
X
X
X
0
1
Reset state, internal clock
0xXE
X
X
X
X
X
X
1
0
Reset state, external clock
0xXE
X
X
X
X
X
X
1
1
Table 15. RSET vs. segment current and LED forward voltage
ISEG (mA)
VLED(V)
1.5
2.0
2.5
3.0
3.5
40
12.2k
Ω
11.8k
Ω
11.0k
Ω
10.6k
Ω
9.69k
Ω
30
17.8k
Ω
17.1k
Ω
15.8k
Ω
15.0k
Ω
14.0k
Ω
20
29.8k
Ω
28.0k
Ω
25.9k
Ω
24.5k
Ω
22.6k
Ω
10
66.7k
Ω
63.7k
Ω
59.3k
Ω
55.4k
Ω
51.2k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com