Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1130 Datasheet (PDF) - ams-OSRAM AG

AS1130 Datasheet PDF - ams-OSRAM AG
Part # AS1130
Download  AS1130 Download
File Size   2128.74 Kbytes
Page   67 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 132-LED Cross-Plexing Driver with Scrolling Function

AS1130 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1130 Datasheet PDF - ams-OSRAM AG

Part # AS1130
Download  AS1130 Click to download

File Size   2128.74 Kbytes
Page   67 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 132-LED Cross-Plexing Driver with Scrolling Function

AS1130 Datasheet (HTML) - ams-OSRAM AG


AS1130 Product details

General Description
The AS1130 is a compact LED driver for 132 single LEDs. The
devices can be programmed via an I²C compatible interface.
The AS1130 offers a 12x11 LED-matrix with 1/12 cycle rate. The
required lines to drive all 132 LEDs are reduced to 12 by using
the cross-plexing feature optimizing space on the PCB. The
whole LED-matrix driving 132 LEDs can be analog dimmed from
0mA to 30mA in 256 steps (8 bit).
Additionally each of the 132 LEDs can be dimmed individually
with 8-bit allowing 256 steps of linear dimming. To reduce CPU
usage up to 6 frames can be stored with individual time delays
between frames to play small animations automatically.
The AS1130 operates from 2.7V to 5.5V and features a very low
shutdown and operational current.
The device offers a programmable IRQ pin. Via a register it can
be set on what event (CP_Request, Interface Timeout,
Error-detection, POR, End of Frame or End of Movie) the IRQ is
triggered.
Also hardware scroll function is implemented in the AS1130.
The device is available in an ultrasmall 20-Pin WL-CSP and an
easy to solder 28-pin SSOP/TSSOP package.

Applications
The AS1130 is ideal for dot matrix displays in mobile phones,
personal electronics and toys.




Similar Part No. - AS1130

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1130 AMSCO-AS1130 Datasheet
5Mb / 39P
132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
AS1130 AMSCO-AS1130 Datasheet
1Mb / 66P
132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
AS1130-BSST AMSCO-AS1130-BSST Datasheet
5Mb / 39P
132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
AS1130-BWLT AMSCO-AS1130-BWLT Datasheet
5Mb / 39P
132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
AS1130B-BSST AMSCO-AS1130B-BSST Datasheet
5Mb / 39P
132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
More results


Similar Description - AS1130

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8833 PHILIPS-PCF8833 Datasheet
469Kb / 112P
STN RGB - 132 X 132 X 3 driver
2003 Feb 14
logo
Fairchild Semiconductor
FL7701MX FAIRCHILD-FL7701MX Datasheet
3Mb / 13P
Smart LED Lamp Driver IC with PFC Function
logo
ams AG
AS1119 AMSCO-AS1119 Datasheet
3Mb / 31P
144-LED Cross-Plexing Driver with 320mA Charge-Pump
AS1130 AMSCO-AS1130 Datasheet
5Mb / 39P
132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
logo
Tontek Design Technolog...
TT1628 TONTEK-TT1628 Datasheet
617Kb / 14P
LED Driver with Key Scan Function
TT1668 TONTEK-TT1668 Datasheet
617Kb / 14P
LED Driver with Key Scan Function
logo
LAPIS Semiconductor Co....
ML9058E LAPIS-ML9058E Datasheet
439Kb / 76P
132-Channel LCD Driver
logo
Cherry Semiconductor Co...
M-5400 CHERRY-M-5400 Datasheet
70Kb / 2P
Easy scrolling with PowerWheel
logo
ON Semiconductor
FL7701 ONSEMI-FL7701 Datasheet
2Mb / 15P
Smart LED Lamp Driver IC with PFC Function
June 2013 Rev. 1.0.4
logo
ams AG
AS1130 AMSCO-AS1130_V01 Datasheet
1Mb / 66P
132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com