Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT32 Datasheet (PDF) - STMicroelectronics

M74HCT32 Datasheet PDF - STMicroelectronics
Part # M74HCT32
Download  M74HCT32 Download
File Size   173.72 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT OR GATE

M74HCT32 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT32 Datasheet PDF - STMicroelectronics

Part # M74HCT32
Download  M74HCT32 Click to download

File Size   173.72 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT OR GATE

M74HCT32 Datasheet (HTML) - STMicroelectronics


M74HCT32 Product details

DESCRIPTION
The M74HCT32 is an high speed CMOS QUAD 2-INPUT OR GATE fabricated with silicon gate C2MOS technology.
The internal circuit is composed of 2 stages including buffer output, which enables high noise immunity and stable output.
The M74HCT32 is designed to directly interface HSC2MOS systems with TTL and NMOS components.
All inputs are equipped with protection circuits against static discharge and transient excess voltage.

■ HIGH SPEED: tPD = 13ns (TYP.) at VCC = 4.5V
■ LOW POWER DISSIPATION: ICC = 1µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS : VIH = 2V (MIN.) VIL = 0.8V (MAX)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 32




Similar Part No. - M74HCT32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT32 STMICROELECTRONICS-M74HCT32 Datasheet
231Kb / 9P
QUAD 2-INPUT OR GATE
Feb-1993
M74HCT32B1R STMICROELECTRONICS-M74HCT32B1R Datasheet
231Kb / 9P
QUAD 2-INPUT OR GATE
Feb-1993
M74HCT32C1R STMICROELECTRONICS-M74HCT32C1R Datasheet
231Kb / 9P
QUAD 2-INPUT OR GATE
Feb-1993
M74HCT32M1R STMICROELECTRONICS-M74HCT32M1R Datasheet
231Kb / 9P
QUAD 2-INPUT OR GATE
Feb-1993
More results


Similar Description - M74HCT32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com