Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT32 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT32
Description  QUAD 2-INPUT OR GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT32 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT32 Datasheet HTML 1Page - STMicroelectronics M74HCT32 Datasheet HTML 2Page - STMicroelectronics M74HCT32 Datasheet HTML 3Page - STMicroelectronics M74HCT32 Datasheet HTML 4Page - STMicroelectronics M74HCT32 Datasheet HTML 5Page - STMicroelectronics M74HCT32 Datasheet HTML 6Page - STMicroelectronics M74HCT32 Datasheet HTML 7Page - STMicroelectronics M74HCT32 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
August 2001
s
HIGH SPEED:
tPD = 13ns (TYP.) at VCC = 4.5V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS :
VIH = 2V (MIN.) VIL = 0.8V (MAX)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 32
DESCRIPTION
The M74HCT32 is an high speed CMOS QUAD
2-INPUT OR GATE fabricated with silicon gate
C2MOS technology.
The internal circuit is composed of 2 stages
including buffer output, which enables high noise
immunity and stable output.
The M74HCT32 is designed to directly interface
HSC2MOS
systems
with
TTL
and
NMOS
components.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCT32
QUAD 2-INPUT OR GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT32B1R
SOP
M74HCT32M1R
M74HCT32RM13TR
TSSOP
M74HCT32TTR
TSSOP
DIP
SOP


Similar Part No. - M74HCT32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT32 STMICROELECTRONICS-M74HCT32 Datasheet
231Kb / 9P
QUAD 2-INPUT OR GATE
Feb-1993
M74HCT32B1R STMICROELECTRONICS-M74HCT32B1R Datasheet
231Kb / 9P
QUAD 2-INPUT OR GATE
Feb-1993
M74HCT32C1R STMICROELECTRONICS-M74HCT32C1R Datasheet
231Kb / 9P
QUAD 2-INPUT OR GATE
Feb-1993
M74HCT32M1R STMICROELECTRONICS-M74HCT32M1R Datasheet
231Kb / 9P
QUAD 2-INPUT OR GATE
Feb-1993
More results

Similar Description - M74HCT32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com