Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54410CFKHT Datasheet (PDF) - Texas Instruments

REF54410CFKHT Datasheet PDF - Texas Instruments
Part # REF54410CFKHT
Download  REF54410CFKHT Download
File Size   2531.89 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference

REF54410CFKHT Datasheet (PDF)

Go To PDF Page Download Datasheet
REF54410CFKHT Datasheet PDF - Texas Instruments

Part # REF54410CFKHT
Download  REF54410CFKHT Click to download

File Size   2531.89 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference

REF54410CFKHT Datasheet (HTML) - Texas Instruments


REF54410CFKHT Product details

1 Features
• Low temperature drift coefficient:
– 0.8ppm/°C maximum (C grade, 0°C to 70°C)
– 1.5ppm/°C maximum (Q grade, –40°C to 125°C)
• Low noise (0.1Hz to 10Hz):
– 0.11ppmp-p with CNR = 100μF
– 0.45ppmp-p with CNR = Open
• High accuracy: ±0.02% maximum
• Low quiescent current: 380μA maximum
• Low long-term stability (1khr): 25ppm, SOIC
• Low long-term stability (1khr): 3ppm, Ceramic
• Designed for a wide range of applications:
– Wide input voltage up to 18V
– Output current: ±10mA
– Voltage options: 2.5V, 3V, 4.096V, 4.5V, 5V
• Fit for all design requirement:
– Stable with 1μF to 100μF output low-ESR capacitor
– High PSRR: 100dB at 1kHz
– Operating temperature range: −40°C to +125°C
– Pin-to-pin to REF50xx family when TEMP pin is not used




Similar Part No. - REF54410CFKHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF54410CDR TI1-REF54410CDR Datasheet
2Mb / 31P
REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
NOVEMBER 2023
More results


Similar Description - REF54410CFKHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF70 TI-REF70_V02 Datasheet
1Mb / 38P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2021
REF70 TI-REF70_V03 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V04 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V05 Datasheet
1Mb / 40P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V06 Datasheet
1Mb / 41P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V07 Datasheet
1Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED MARCH 2023
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF70 TI-REF70_V08 Datasheet
2Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2023
REF54 TI1-REF54 Datasheet
2Mb / 31P
REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com