Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54410CFKHT Datasheet(PDF) 3 Page - Texas Instruments

Part # REF54410CFKHT
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54410CFKHT Datasheet(HTML) 3 Page - Texas Instruments

  REF54410CFKHT Datasheet HTML 1Page - Texas Instruments REF54410CFKHT Datasheet HTML 2Page - Texas Instruments REF54410CFKHT Datasheet HTML 3Page - Texas Instruments REF54410CFKHT Datasheet HTML 4Page - Texas Instruments REF54410CFKHT Datasheet HTML 5Page - Texas Instruments REF54410CFKHT Datasheet HTML 6Page - Texas Instruments REF54410CFKHT Datasheet HTML 7Page - Texas Instruments REF54410CFKHT Datasheet HTML 8Page - Texas Instruments REF54410CFKHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
4 Device Comparison Table
PRODUCT
VREF
SPECIFIED
TEMPERATURE DRIFT
RANGE
OPERATING
TEMPERATURE
RANGE
SOIC (8)
VSSOP (8) (2)
LCCC (8)
REF54250QDR (2)
REF54250QDGKR
NA
2.5V
-40ºC to 125ºC
-40ºC to 125ºC
REF54250CDR (1)
REF54250CDGKR
REF54250CFKHT(2)
2.5V
0ºC to 70ºC
-40ºC to 125ºC
REF54250IDR(2)
NA
NA
2.5V
-40°C to 105°C
-40ºC to 125ºC
REF54300QDR (2)
REF54300QDGKR
NA
3.0V
-40ºC to 125ºC
-40ºC to 125ºC
REF54300CDR (1)
REF54300CDGKR
NA
3.0V
0ºC to 70ºC
-40ºC to 125ºC
REF54410QDR (2)
REF54410QDGKR
NA
4.096V
-40ºC to 125ºC
-40ºC to 125ºC
REF54410CDR (1)
REF54410CDGKR
REF54410CFKHT(1)
4.096V
0ºC to 70ºC
-40ºC to 125ºC
REF54410IDR(2)
NA
NA
4.096V
-40°C to 105°C
-40ºC to 125ºC
REF54450QDR (2)
REF54450QDGKR
NA
4.5V
-40ºC to 125ºC
-40ºC to 125ºC
REF54500QDR (2)
REF54500QDGKR
NA
5.0V
-40ºC to 125ºC
-40ºC to 125ºC
REF54500CDR (1)
REF54500CDGKR
REF54500CFKHT(1)
5.0V
0ºC to 70ºC
-40ºC to 125ºC
(1)
This orderable is released to market.
(2)
Product preview. Contact local TI support for samples.
www.ti.com
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com