Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54410CFKHT Datasheet(PDF) 25 Page - Texas Instruments

Part # REF54410CFKHT
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54410CFKHT Datasheet(HTML) 25 Page - Texas Instruments

Back Button REF54410CFKHT Datasheet HTML 21Page - Texas Instruments REF54410CFKHT Datasheet HTML 22Page - Texas Instruments REF54410CFKHT Datasheet HTML 23Page - Texas Instruments REF54410CFKHT Datasheet HTML 24Page - Texas Instruments REF54410CFKHT Datasheet HTML 25Page - Texas Instruments REF54410CFKHT Datasheet HTML 26Page - Texas Instruments REF54410CFKHT Datasheet HTML 27Page - Texas Instruments REF54410CFKHT Datasheet HTML 28Page - Texas Instruments REF54410CFKHT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
8 Detailed Description
8.1 Overview
The REF54 is family of high precision series references that are designed for excellent initial voltage accuracy
and drift over time and temperature, and offer excellent noise while consuming low power. The Figure 8-1 is a
simplified block diagram of the REF54 showing basic band-gap topology.
8.2 Functional Block Diagram
VIN
Digital
Core
Bandgap
Core
RNR
Buffer
EN
Control
EN
GND
NR
VREF
Figure 8-1. REF54 Functional Block Diagram
8.3 Feature Description
8.3.1 EN Pin
The output of REF54 comes in active state when EN pin voltage is more than 1.6V or EN pin is left floating. The
enable feature of the REF54 is designed to achieve low quiescent current (IQ) . No current is drawn from EN pin
when EN pin is voltage is lower than VIN pin voltage. The device must be in active mode for normal operation.
The REF54 can be placed in shutdown mode by pulling the EN pin low. When in shutdown mode, the output of
the device is disabled and the quiescent current of the device reduces to 1.2µA in shutdown mode. The EN pin
must not be pulled higher than VIN supply voltage. See the electrical table for logic high and logic low voltage
levels.
8.3.2 NR Pin
Decoupling NR pin in REF54 creates a low pass filter in combination with the internal resistance of 14kΩ to
eliminate internal band gap noise. Unlike regular low pass filter at the output of the reference, connecting a
capacitor on NR pin does not affect the output impedance hence extra buffer is not needed. Leakage of the
capacitor directly impacts the accuracy and temperature drift. If NR functionality is used, select a capacitor which
has low leakage over temperature (film capacitors, COG are recommended). Note that using the capacitor on
NR pin also increases start-up time.
www.ti.com
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com