Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54410CFKHT Datasheet(PDF) 19 Page - Texas Instruments

Part # REF54410CFKHT
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54410CFKHT Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF54410CFKHT Datasheet HTML 15Page - Texas Instruments REF54410CFKHT Datasheet HTML 16Page - Texas Instruments REF54410CFKHT Datasheet HTML 17Page - Texas Instruments REF54410CFKHT Datasheet HTML 18Page - Texas Instruments REF54410CFKHT Datasheet HTML 19Page - Texas Instruments REF54410CFKHT Datasheet HTML 20Page - Texas Instruments REF54410CFKHT Datasheet HTML 21Page - Texas Instruments REF54410CFKHT Datasheet HTML 22Page - Texas Instruments REF54410CFKHT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
7 Parameter Measurement Information
7.1 Temperature Drift
The REF54 is designed and tested for a minimal output voltage temperature drift, which is defined as the change
in output voltage over temperature. Every unit shipped is tested at multiple temperatures to make sure that the
product meets data sheet specifications. The temperature coefficient is calculated using the box method in which
a box is formed by the min/max limits for the nominal output voltage over the operating temperature range.
REF54 device C variant has maximum temperature coefficient of 0.8ppm/°C from 0°C to 70°C and REF54
device Q variant has maximum temperature coefficient of 1.5ppm/°C from -40°C to 125°C. The box method
specifies limits for the temperature error but does not specify the exact shape and slope of the device under
test. Due to temperature curvature correction to achieve low-temperature drift, the temperature drift is expected
to be non-linear. See the Analog Design Journal Precision Voltage References for more information on the box
method. The box method equation is shown in Equation 1:
Drift= VREFMAX −VREFMIN
VREF25℃ ×TemperatureRange ×106
(1)
Te mperature (
C)
0
10
20
30
40
50
60
70
-100
-60
-20
20
60
100
Figure 7-1. Output Voltage vs Free-Air Temperature
7.2 Long-Term Stability
Long-term stability is a key performance parameter for series voltage references in all precision applications.
This is defined as variation of reference voltage over time. The long-term stability value is tested in a typical
setup that reflects standard PCB board manufacturing practices. The boards are made of standard FR4 material,
the board does not have special cuts or grooves around the devices or go through burn-in process to relieve the
mechanical stress of the PCB. These conditions reflect real world use case scenario and common manufacturing
techniques.
During the long-term stability testing, precautions are taken to make sure that only the long-term stability drift is
being measured. The boards are maintained at 35°C ± 0.02°C in an oil bath. The oil bath makes sure that the
temperature is constant across the device over time. The measurements are captured every 30 minutes with a
calibrated 8.5 digit multimeter.
Typical long term stability characteristic are expressed as reference voltage deviation over time. Figure 7-2
shows the typical drift value for the REF54 in SOIC package VREF is 25ppm from 0 to 1000 hours. Figure 7-4
shows the typical drift value for the REF54 in FKH package VREF is 3ppm from 0 to 1000 hours. The REF54
experiences the highest drift in the initial 1000hr, subsequent deviation is typically lower than previous 1000
hours.
www.ti.com
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com