Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF-PUSRA3-25 Datasheet (PDF) - ams-OSRAM AG

GF-PUSRA3-25 Datasheet PDF - ams-OSRAM AG
Part # GF-PUSRA3-25
Download  GF-PUSRA3-25 Download
File Size   1914.41 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSCONIQ™ P 3737 (2W)

GF-PUSRA3-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
GF-PUSRA3-25 Datasheet PDF - ams-OSRAM AG

Part # GF-PUSRA3-25
Download  GF-PUSRA3-25 Click to download

File Size   1914.41 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSCONIQ™ P 3737 (2W)

GF-PUSRA3-25 Datasheet (HTML) - ams-OSRAM AG


GF-PUSRA3-25 Product details

Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMD epoxy package with silicone lens
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Typ. Radiation: 120°
- Radiant Flux (@ 700mA): typ. 896 mW @ 85°C
- Radiant Efficiency (@ 700mA): typ. 75.3% @ 85°C
- Photon Flux (@ 700mA): typ. 5.49 μmol/s @ 85°C
- Photon Flux Efficacy (@ 700mA): typ. 4.61 μmol/J @ 85°C
- ThinFilm LED chip designed and manufactured in Germany





Similar Part No. - GF-PUSRA3-25

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GF-PUSRA1-25 AMSOSRAM-GF-PUSRA1-25 Datasheet
1Mb / 22P
OSCONIQ™ P 3737 (2W)
Version 1.3 2025-07-11
GF-PUSRA2-25 AMSOSRAM-GF-PUSRA2-25 Datasheet
1Mb / 22P
OSCONIQ® P 3737 (2W)
Version 1.0 2024-08-30
More results


Similar Description - GF-PUSRA3-25

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
2W 2W Stereo Speaker / Headphone Amplifier
logo
OSRAM GmbH
GWPUSRA1.PM OSRAM-GWPUSRA1.PM Datasheet
2Mb / 24P
OSCONIQ P 3737
GTDASPA2.13 OSRAM-GTDASPA2.13 Datasheet
1Mb / 21P
OSCONIQ P 2226
GHDASPA2.24 OSRAM-GHDASPA2.24 Datasheet
1Mb / 20P
OSCONIQ P 2226
GFDASPA2.24 OSRAM-GFDASPA2.24 Datasheet
1Mb / 21P
OSCONIQ P 2226
GDDASPA2.14 OSRAM-GDDASPA2.14 Datasheet
1Mb / 21P
OSCONIQ P 2226
GYDASPA2.23 OSRAM-GYDASPA2.23 Datasheet
1Mb / 21P
OSCONIQ P 2226
GWPLLRA1.EM OSRAM-GWPLLRA1.EM Datasheet
1Mb / 24P
OSCONIQ® C 2424
Version 1.6 / 2021-11-24
logo
DIWELL Electronics Co.,...
CAR DIWELL-CAR Datasheet
375Kb / 5P
2W REGULATED
2011/08/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com