Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF-QSSPA1-24 Datasheet (PDF) - ams-OSRAM AG

GF-QSSPA1-24 Datasheet PDF - ams-OSRAM AG
Part # GF-QSSPA1-24
Download  GF-QSSPA1-24 Download
File Size   1809.52 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSCONIQ® P 3030

GF-QSSPA1-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
GF-QSSPA1-24 Datasheet PDF - ams-OSRAM AG

Part # GF-QSSPA1-24
Download  GF-QSSPA1-24 Click to download

File Size   1809.52 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSCONIQ® P 3030

GF-QSSPA1-24 Datasheet (HTML) - ams-OSRAM AG


GF-QSSPA1-24 Product details

Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMD epoxy package
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 360 mW
- Radiant Efficiency: typ. 55 %
- Photon Flux: typ. 2.16 μmol/s
- Photon Flux Efficacy: 3.3 μmol/J





Similar Part No. - GF-QSSPA1-24

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
GF-07 TTELEC-GF-07 Datasheet
351Kb / 2P
Thick Film Metal Glaze™ Resistor
07.14
logo
IRC - a TT electronics ...
GF-07C1002F IRCTT-GF-07C1002F Datasheet
218Kb / 2P
Thick Film Metal Glaze Resistor
GF-07C1002G IRCTT-GF-07C1002G Datasheet
218Kb / 2P
Thick Film Metal Glaze Resistor
GF-07C1002J IRCTT-GF-07C1002J Datasheet
218Kb / 2P
Thick Film Metal Glaze Resistor
GF-07D1002F IRCTT-GF-07D1002F Datasheet
218Kb / 2P
Thick Film Metal Glaze Resistor
More results


Similar Description - GF-QSSPA1-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWPUSRA1.PM OSRAM-GWPUSRA1.PM Datasheet
2Mb / 24P
OSCONIQ P 3737
GTDASPA2.13 OSRAM-GTDASPA2.13 Datasheet
1Mb / 21P
OSCONIQ P 2226
GHDASPA2.24 OSRAM-GHDASPA2.24 Datasheet
1Mb / 20P
OSCONIQ P 2226
GFDASPA2.24 OSRAM-GFDASPA2.24 Datasheet
1Mb / 21P
OSCONIQ P 2226
GDDASPA2.14 OSRAM-GDDASPA2.14 Datasheet
1Mb / 21P
OSCONIQ P 2226
GYDASPA2.23 OSRAM-GYDASPA2.23 Datasheet
1Mb / 21P
OSCONIQ P 2226
logo
Seoul Semiconductor
STFRC12B SEOUL-STFRC12B Datasheet
973Kb / 18P
Horticulture ??3030 series
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
Bridgelux® SMD 3030 Series
05/2016
logo
OSRAM GmbH
GWPLLRA1.EM OSRAM-GWPLLRA1.EM Datasheet
1Mb / 24P
OSCONIQ® C 2424
Version 1.6 / 2021-11-24
logo
ams AG
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com