Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GG-VJLPE1-F3 Datasheet (PDF) - ams-OSRAM AG

GG-VJLPE1-F3 Datasheet PDF - ams-OSRAM AG
Part # GG-VJLPE1-F3
Download  GG-VJLPE1-F3 Download
File Size   1894.84 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Pure 1010

GG-VJLPE1-F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
GG-VJLPE1-F3 Datasheet PDF - ams-OSRAM AG

Part # GG-VJLPE1-F3
Download  GG-VJLPE1-F3 Click to download

File Size   1894.84 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Pure 1010

GG-VJLPE1-F3 Datasheet (HTML) - ams-OSRAM AG


GG-VJLPE1-F3 Product details

Applications
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: chip level conversion
- Typ. Radiation: 120° (Lambertian emitter)
- Luminous Flux: typ. 270 lm @ 25 °C
- Luminous efficacy: typ. 130 lm/W





Similar Part No. - GG-VJLPE1-F3

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
GG-1/4-3/8 FESTO-GG-1/4-3/8 Datasheet
91Kb / 1P
One-way flow control valve
logo
JMK Inc.
GG-1141-15B JMK-GG-1141-15B Datasheet
56Kb / 1P
Operating voltage: 12 Vdc Operating current: 15 amp.
GG-1141-20A JMK-GG-1141-20A Datasheet
71Kb / 1P
Operating voltage: 12 Vdc Operating current: 20 amp.
GG-1508-20 JMK-GG-1508-20 Datasheet
112Kb / 2P
The GG-1508-20 power converter is a nominal 36 volt to 13.8 volt dc-dc converter.
GG-1570-20 JMK-GG-1570-20 Datasheet
138Kb / 4P
The power converter / Backup Battery is a nominal 13.8 volt to 13.8 volt dc-dc converter With a backup battery to supply power during starting etc.
More results


Similar Description - GG-VJLPE1-F3

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-DIO-TOP-04 ASSMANN-A-DIO-TOP-04 Datasheet
532Kb / 1P
ASS 1010 CO
logo
OSRAM GmbH
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
OSLON Signal
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
PHOENIX CONTACT
2703007 PHOENIX-2703007 Datasheet
986Kb / 29P
Injector - INJ 1010
Dec 6, 2022
2703008 PHOENIX-2703008 Datasheet
987Kb / 29P
Injector - INJ 1010-T
Dec 6, 2022
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com